Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412A Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 12Page - Cirrus Logic CS4412A Datasheet HTML 13Page - Cirrus Logic CS4412A Datasheet HTML 14Page - Cirrus Logic CS4412A Datasheet HTML 15Page - Cirrus Logic CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic CS4412A Datasheet HTML 18Page - Cirrus Logic CS4412A Datasheet HTML 19Page - Cirrus Logic CS4412A Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
DS786A1
CS4412A
4.4
Output Filters
The filter placed after the PWM outputs can greatly affect the output performance. The filter not only reduces
radiated EMI (snubber filter), but also filters high frequency content from the switching output before going
to the speaker (low-pass LC filter).
4.4.1
Half-Bridge Output Filter
Figure 5 shows the output filter for a half-bridge configuration. The transient-voltage suppression circuit
(snubber circuit) is comprised of a resistor (20
Ω, ¼ W) and capacitors (220 pF) and should be placed as
close as possible to the corresponding PWM output pin to greatly reduce radiated EMI.
Each output pin must be connected to two Schottky diodes—one to ground and one to the VP supply.
These diodes should be placed within 12 mm of the corresponding OUTx pin. The requirements of this
diode are:
1. Rated IF (average rectifier forward current) is greater than or equal to 1.0 A.
2. Support up to 80° C of lead temperature with VF drop (forward voltage) less than or equal to 480 mV
at the corresponding IF.
3. VR (reverse voltage) is greater than or equal to 20 V.
The inductor, L1, and capacitor, C1, comprise the low-pass filter. Along with the nominal load impedance
of the speaker, these values set the cutoff frequency of the filter. Table 4 shows the component values for
L1 and C1 based on nominal speaker (load) impedance for a corner frequency (-3 dB point) of approxi-
mately 35 kHz.
Load
L1
C1
4
Ω
22 µH
1.0 µF
6
Ω
33 µH
0.68 µF
8
Ω
47 µH
0.47 µF
Table 4. Low-Pass Filter Components - Half-Bridge
OUTx
220 pF
C1
20
Ω
L1
C2
+-
*Diode is Rohm
RB160M-30 or
equivalent
VP
Figure 5. Output Filter - Half-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com