Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1015M/C2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UMA1015M/C2
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015M/C2 Datasheet(HTML) 4 Page - NXP Semiconductors

  UMA1015M/C2 Datasheet HTML 1Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 2Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 3Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 4Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 5Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 6Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 7Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 8Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1995 Jun 22
4
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015M
PINNING
SYMBOL
PIN
DESCRIPTION
P1
1
output Port 1
P2
2
output Port 2
CPA
3
charge-pump output synthesizer A
VDD1
4
digital supply voltage 1
HPD
5
hardware power-down
(input LOW = power-down)
RFA
6
RF input synthesizer A
DGND
7
digital ground
fXTALIN
8
common crystal frequency input from
TCXO
P3
9
output Port 3
fXTALO
10
open-drain output of fXTAL signal
CLK
11
programming bus clock input
DATA
12
programming bus data input
E
13
programming bus enable input
(active LOW)
VDD2
14
digital supply voltage 2
RFB
15
RF input synthesizer B
AGND
16
analog ground to charge pumps
CPB
17
charge pump output synthesizer B
VCC
18
analog supply to charge pump;
external or voltage doubler output
P0/OOL
19
Port output 0/out-of-lock output
ISET
20
regulator pin to set charge-pump
currents
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
Main dividers
Each synthesizer has a fully programmable 17-bit main
divider. The RF input drives a pre-amplifier to provide the
clock to the first divider bit. The pre-amplifier has a high
input impedance, dominated by pin and pad capacitance.
The circuit operates with signal levels from below
50 mV (RMS) up to 250 mV (RMS), and at frequencies up
to 1.1 GHz. The high frequency sections of the divider are
implemented using bipolar transistors, while the slower
section uses CMOS technology. The range of division
ratios is 512 to 131071.
Reference divider
There is a common fully programmable 12-bit reference
divider for the two synthesizers. The input fXTALIN drives a
pre-amplifier to provide the clock input for the reference
divider. This clock signal is also buffered and output on pin
fXTALO (open drain). An extra divide-by-2 block allows a
reference comparison frequency for synthesizer B to be
half that of synthesizer A. This feature is selectable using
the program bit SR. If the programmed reference divider
ratio is R then the ratio for each synthesizer is as given in
Table 1.
The range for the division ratio R is 8 to 4095. Opposite
edges of the divider output are used to drive the phase
detectors to ensure that active edges arrive at the phase
detectors of each synthesizer at different times. This
minimizes the potential for interference between the
charge pumps of each loop. The reference divider consists
of CMOS devices operating beyond 35 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com