Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1015M/C2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UMA1015M/C2
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015M/C2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UMA1015M/C2 Datasheet HTML 4Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 5Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 6Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 7Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 8Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 9Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 10Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 11Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1995 Jun 22
8
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015M
CHARACTERISTICS
VDD1 =VDD2 = 2.6 to 5.5 V; VCC = 2.6 to 6.0 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply; (VDD1, VDD2 and VCC) voltage doubler disabled, external supply on VCC
VDD1, VDD2 digital supply voltage
VDD1 =VDD2
2.6
−
5.5
V
IDD1 + IDD2
total digital supply current
from VDD1 and VDD2
fXTAL = 12.8 MHz;
both synthesizers on;
VDD1 =VDD2 =3V
−
8.5
−
mA
fXTAL = 12.8 MHz;
both synthesizers on;
VDD1 =VDD2 = 5.5 V
−−
12.5
mA
IDDpda,
IDDpdb
total digital supply current
from VDD1 and VDD2 with
one synthesizer in
power-down mode
fXTAL = 12.8 MHz; one
synthesizer powered down;
VDD1 =VDD2 =3V
−
5.5
−
mA
fXTAL = 12.8 MHz; one
synthesizer powered down;
VDD1 =VDD2 = 5.5 V
−−
7.5
mA
IDDpd
digital supply current in
power-down mode
both synthesizers powered
down; VHPD =0V
−−
60
µA
VCC
charge pump supply
voltage
VCC ≥ VDD
2.6
−
6.0
V
ICC
charge pump supply
current
both synthesizers on and in
lock; fref = 12.5 kHz
−−
25
µA
ICCpd
charge pump supply
current in power-down
mode
both synthesizers powered
down
−−
25
µA
Voltage doubler enabled
IDD
total digital supply current
from VDD1 and VDD2
fXTAL = 12.8 MHz; both
synthesizers on and in lock;
VDD1 =3V;
fdoubler = 16 MHz
−
8.5
12
mA
IDDpd
total digital supply current
in power-down mode from
VDD1 and VDD2
both synthesizers powered
down; VDD1 =3V;
VHPD =0V
−
0.25
0.4
mA
VCCvd
charge pump supply
voltage
DC current drawn from
VCC =50 µA
2VDD1 − 1.2 2VDD1 − 0.6 6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com