Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1015M/C2 Datasheet (PDF) - NXP Semiconductors

UMA1015M/C2 Datasheet PDF - NXP Semiconductors
Part # UMA1015M/C2
Download  UMA1015M/C2 Download
File Size   229.7 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-power dual frequency synthesizer for radio communications

UMA1015M/C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UMA1015M/C2 Datasheet PDF - NXP Semiconductors

Part # UMA1015M/C2
Download  UMA1015M/C2 Click to download

File Size   229.7 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-power dual frequency synthesizer for radio communications

UMA1015M/C2 Datasheet (HTML) - NXP Semiconductors


UMA1015M/C2 Product details

GENERAL DESCRIPTION
The UMA1015M is a low-power dual frequency synthesizer for radio communications which operates in the 50 to 1100 MHz frequency range. Each synthesizer consists of a fully programmable main divider, a phase and frequency detector and a charge pump. There is a fully programmable reference divider common to both synthesizers which operates up to 35 MHz. The device is programmed via a 3-wire serial bus which operates up to 10 MHz.

FEATURES
• Two fully programmable RF dividers up to 1.1 GHz
• Fully programmable reference divider up to 35 MHz
• 2 : 1 or 1 : 1 ratio of selectable reference frequencies
• Fast three-line serial bus interface
• Adjustable phase comparator gain
• Programmable out-of-lock indication for both loops
• On-chip voltage doubler
• Low current consumption from 3 V supply
• Separate power-down mode for each synthesizer
• Up to 4 open-drain output ports.

APPLICATIONS
• Cordless telephone
• Hand-held mobile radio.




Similar Part No. - UMA1015M/C2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1015AM PHILIPS-UMA1015AM Datasheet
159Kb / 24P
Low-power dual frequency synthesizer for radio communications
1997 Sep 03
More results


Similar Description - UMA1015M/C2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
logo
NXP Semiconductors
UMA1014 PHILIPS-UMA1014 Datasheet
90Kb / 17P
Low-power frequency synthesizer for mobile radio communications
October 1992
UMA1015AM PHILIPS-UMA1015AM Datasheet
159Kb / 24P
Low-power dual frequency synthesizer for radio communications
1997 Sep 03
UMA1018M PHILIPS-UMA1018M Datasheet
166Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 27
UMA1020AM PHILIPS-UMA1020AM Datasheet
159Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jul 06
UMA1020M PHILIPS-UMA1020M Datasheet
163Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 15
UMA1022M PHILIPS-UMA1022M Datasheet
126Kb / 20P
Low cost dual frequency synthesizer for radio telephones
1998 Dec 09
OM5156M PHILIPS-OM5156M Datasheet
160Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Nov 24
logo
National Semiconductor ...
LMX2332LTMX NSC-LMX2332LTMX Datasheet
563Kb / 23P
PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com