Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1015M/C2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UMA1015M/C2
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015M/C2 Datasheet(HTML) 2 Page - NXP Semiconductors

  UMA1015M/C2 Datasheet HTML 1Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 2Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 3Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 4Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 5Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 6Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 7Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 8Page - NXP Semiconductors UMA1015M/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1995 Jun 22
2
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015M
FEATURES
• Two fully programmable RF dividers up to 1.1 GHz
• Fully programmable reference divider up to 35 MHz
• 2 : 1 or 1 : 1 ratio of selectable reference frequencies
• Fast three-line serial bus interface
• Adjustable phase comparator gain
• Programmable out-of-lock indication for both loops
• On-chip voltage doubler
• Low current consumption from 3 V supply
• Separate power-down mode for each synthesizer
• Up to 4 open-drain output ports.
APPLICATIONS
• Cordless telephone
• Hand-held mobile radio.
GENERAL DESCRIPTION
The UMA1015M is a low-power dual frequency
synthesizer for radio communications which operates in
the 50 to 1100 MHz frequency range. Each synthesizer
consists of a fully programmable main divider, a phase and
frequency detector and a charge pump. There is a fully
programmable reference divider common to both
synthesizers which operates up to 35 MHz. The device is
programmed via a 3-wire serial bus which operates up to
10 MHz. The charge pump currents (gains) are fixed by an
external resistance at pin 20 (ISET). The BiCMOS device is
designed to operate from 2.6 V (3 Ni-Cd cells) to 5.5 V at
low current. Digital supplies VDD1 and VDD2 must be at the
same potential. The charge pump supply (VCC) can be
provided by an external source or on-chip voltage doubler.
VCC must be equal to or higher than VDD1. Each
synthesizer can be powered-down independently via the
serial bus to save current. It is also possible to power-down
the device via the HPD input (pin 5).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1, VDD2
digital supply voltage
VDD1 =VDD2
2.6
−
5.5
V
VCC
charge pump supply
voltage
external supply; doubler
disabled; VCC ≥ VDD
2.6
−
6.0
V
VCCvd
charge pump supply from
voltage doubler
doubler enabled
−
2VDD1 − 0.6 6.0
V
IDDO1 +IDDO2 +
ICCO
operating supply current
both synthesizers ON; doubler
disabled; VDD1 =VDD2 = 5.5 V
−
9.6
−
mA
IDD1pd + IDD2pd
+ ICCpd
current in power-down
mode per supply
doubler disabled;
VDD1 =VDD2 = 5.5 V
−
0.01
−
mA
IDD1pd
current in power-down
mode from supply VDD
doubler enabled;
VDD1 =VDD2 =3V
−
0.15
−
mA
fRFA, fRFB
RF input frequency for
each synthesizer
50
−
1100
MHz
fXTALIN
crystal input frequency
3
−
35
MHz
fpc(min)
minimum phase
comparator frequency
fRF = 50 to 1100 MHz;
fXTALIN =3to35MHz
−
10
−
kHz
fpc(max)
maximum phase
comparator frequency
fRF = 50 to 1100 MHz;
fXTALIN =3to35MHz
−
750
−
kHz
Tamb
operating ambient
temperature
synthesizer A
2.6 V
≤ VDD ≤ 5.5 V
−30
−
+85
°C
synthesizer B
2.6 V
≤ VDD ≤ 4.5 V
−30
−
+85
°C
synthesizer B
2.6 V
≤ V
DD ≤ 5.0 V
0
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com