Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  1800 MHz to 2700 MHz, 1 W RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5606ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADL5606
Rev. C | Page 3 of 18
SPECIFICATIONS
VCC1 = 5 V and TA = 25°C, unless otherwise noted.1
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
1800
2700
MHz
FREQUENCY = 1960 MHz ± 30 MHz
Gain
24.7
dB
vs. Frequency
±30 MHz
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.9
dB
vs. Supply
4.75 V to 5.25 V
±0.05
dB
Output 1 dB Compression Point (P1dB)
30.2
dBm
vs. Frequency
±30 MHz
+0.2/−0.6
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.5
dB
vs. Supply
4.75 V to 5.25 V
±0.5
dB
Adjacent Channel Power Ratio (ACPR)
POUT = 18 dBm, one-carrier W-CDMA, 64 DPCH
52
dBc
Output Third-Order Intercept (OIP3)
∆f = 1 MHz, POUT = 14 dBm per tone
45.6
dBm
vs. Frequency
±30 MHz
+0.8/−0.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0.0/−2.2
dB
vs. Supply
4.75 V to 5.25 V
±0.5
dB
Noise Figure
5.1
dB
FREQUENCY = 2140 MHz ± 30 MHz
Gain
24.3
dB
vs. Frequency
±30 MHz
+0.4/−0.1
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.9
dB
vs. Supply
4.75 V to 5.25 V
±0.06
dB
Output 1 dB Compression Point (P1dB)
30.8
dBm
vs. Frequency
±30 MHz
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.8
dB
vs. Supply
4.75 V to 5.25 V
±0.4
dB
Adjacent Channel Power Ratio (ACPR)
POUT = 18 dBm, one-carrier W-CDMA, 64 DPCH
51
dBc
Output Third-Order Intercept (OIP3)
∆f = 1 MHz, POUT = 14 dBm per tone
45.5
dBm
vs. Frequency
±30 MHz
+2.3/−0.8
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0.0/−2.5
dB
vs. Supply
4.75 V to 5.25 V
+0.6/−0.3
dB
Noise Figure
4.7
dB
FREQUENCY = 2630 MHz ± 60 MHz
Gain
20.6
dB
vs. Frequency
±60 MHz
+0.7/−1.8
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±1.0
dB
vs. Supply
4.75 V to 5.25 V
±0.09
dB
Output 1 dB Compression Point (P1dB)
28.9
dBm
vs. Frequency
±60 MHz
+0.5/−1.7
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+1.2/−2.0
dB
vs. Supply
4.75 V to 5.25 V
±0.2
dB
Output Third-Order Intercept (OIP3)
∆f = 1 MHz, POUT = 14 dBm per tone
43.2
dBm
vs. Frequency
±60 MHz
±3.0
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
+0.3/−4.0
dB
vs. Supply
4.75 V to 5.25 V
±1.9
dB
Noise Figure
5.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com