Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  1800 MHz to 2700 MHz, 1 W RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5606ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1800 MHz to 2700 MHz,
1 W RF Driver Amplifier
Data Sheet
ADL5606
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Operation from 1800 MHz to 2700 MHz
Gain of 24.3 dB at 2140 MHz
OIP3 of 45.5 dBm at 2140 MHz
P1dB of 30.8 dBm at 2140 MHz
Noise figure of 4.7 dB at 2140 MHz
Power supply: 5 V
Power supply current: 362 mA typical
Internal active biasing
Fast power-up/power-down function
Compact 4 mm × 4 mm, 16-lead LFCSP
ESD rating of ±1 kV (Class 1C)
Pin-compatible with the ADL5605 (700 MHz to 1000 MHz)
APPLICATIONS
Wireless infrastructure
Automated test equipment
ISM/AMR applications
GENERAL DESCRIPTION
The ADL5606 is a broadband, two-stage, 1 W RF driver
amplifier that operates over a frequency range of 1800 MHz
to 2700 MHz. The device can be used in a wide variety of
wired and wireless applications, including ISM, MC-GSM,
W-CDMA, TD-SCDMA, and LTE.
The ADL5606 operates on a 5 V supply voltage and a supply
current of 362 mA. The driver also incorporates a fast power-
up/power-down function for TDD applications, applications
that require a power saving mode, and applications that
intermittently transmit data.
The ADL5606 is fabricated on a GaAs HBT process and is
packaged in a compact 4 mm × 4 mm, 16-lead LFCSP that
uses an exposed paddle for excellent thermal impedance. The
ADL5606 operates from −40°C to +85°C. A fully populated
evaluation board tuned to 2140 MHz is also available.
FUNCTIONAL BLOCK DIAGRAM
11 RFOUT
12 RFOUT
10 RFOUT
9RFOUT
1
RFIN
2
DISABLE
3
VCC
4
VBIAS
ADL5606
VBIAS
PWDN
Figure 1.
0
–80
–70
–60
–50
–40
–30
–20
–10
0
2
4
6
8
101214
161820
22
POUT (dBm)
2140 MHz
Figure 2. ACPR vs. Output Power, 3GPP, TM1-64, at 2140 MHz


Similar Part No. - ADL5606ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5606ACPZ-R7 AD-ADL5606ACPZ-R7 Datasheet
535Kb / 20P
1800 MHz to 2700 MHz
REV. 0
ADL5606ACPZ-R7 AD-ADL5606ACPZ-R7 Datasheet
611Kb / 18P
RF Driver Amplifier
Sep-2017
More results

Similar Description - ADL5606ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
NXP Semiconductors
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
NXP Semiconductors
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
logo
Analog Devices
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
1800 MHz to 2700 MHz
REV. 0
logo
NXP Semiconductors
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com