Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  1800 MHz to 2700 MHz, 1 W RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5606ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADL5606
Rev. C | Page 5 of 18
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
2600
−3.14
172.86
14.92
−158.40
−46.51
77.12
−1.20
167.77
2650
−3.14
171.24
14.70
−162.27
−47.66
73.90
−1.20
167.47
2700
−3.12
169.74
14.48
−166.06
−47.77
71.80
−1.22
167.16
2750
−3.14
167.93
14.24
−169.97
−45.35
73.70
−1.22
166.68
2800
−3.16
166.21
13.98
−173.76
−45.43
76.05
−1.24
166.34
2850
−3.15
164.65
13.78
−177.32
−46.35
71.78
−1.25
166.25
2900
−3.15
162.67
13.53
178.93
−46.92
73.31
−1.26
165.90
2950
−3.15
160.86
13.27
175.30
−45.88
70.64
−1.30
165.58
3000
−3.14
159.03
13.04
171.76
−45.94
66.79
−1.29
165.35
3050
−3.13
157.22
12.79
168.32
−45.60
73.37
−1.33
165.06
3100
−3.08
155.39
12.57
165.01
−44.06
61.32
−1.35
164.76
3150
−3.01
152.90
12.32
161.32
−45.54
58.34
−1.36
164.32
3200
−3.08
150.72
12.04
157.39
−46.51
60.72
−1.36
163.65
3250
−3.06
149.25
11.78
153.80
−43.87
61.02
−1.35
163.38
3300
−3.05
147.28
11.53
150.59
−44.31
68.64
−1.36
162.94
3350
−3.03
145.53
11.20
147.57
−44.17
62.82
−1.39
162.61
3400
−2.94
143.76
10.95
144.00
−43.67
64.76
−1.39
162.08
3450
−2.95
141.94
10.65
141.12
−44.65
72.58
−1.39
161.92
3500
−2.85
140.04
10.39
137.78
−44.52
53.43
−1.38
161.39
3550
−2.83
138.58
10.10
134.68
−44.22
63.44
−1.35
161.11
3600
−2.79
136.47
9.83
131.38
−43.79
46.56
−1.36
160.74
3650
−2.74
134.67
9.55
128.32
−42.04
50.76
−1.31
160.48
3700
−2.78
132.80
9.25
125.07
−43.97
57.92
−1.33
160.24
3750
−2.80
130.85
8.94
121.74
−42.96
49.24
−1.30
159.79
3800
−2.87
128.85
8.63
119.06
−43.01
51.05
−1.30
159.68
3850
−3.03
126.98
8.30
115.71
−41.84
45.82
−1.24
159.28
3900
−3.24
125.26
7.90
113.11
−41.50
36.66
−1.26
159.17
3950
−3.63
123.34
7.59
110.08
−42.15
39.82
−1.20
159.15
4000
−4.24
122.71
7.15
108.11
−41.81
41.17
−1.21
159.19
1 VCC1 is the supply to the DUT through the RFOUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com