Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5606ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5606ACPZ-R7
Description  1800 MHz to 2700 MHz, 1 W RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5606ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5606ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5606ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADL5606
Data Sheet
Rev. C | Page 2 of 18
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Typical Scattering Parameters .................................................... 4
 
Absolute Maximum Ratings ........................................................... 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions ............................ 7
 
Typical Performance Characteristics............................................. 8
 
1960 MHz Frequency Tuning Band .......................................... 8
 
2140 MHz Frequency Tuning Band .......................................... 9
 
2630 MHz Frequency Tuning Band ........................................ 10
 
General......................................................................................... 11
 
Applications Information ............................................................. 13
 
Basic Layout Connections......................................................... 13
 
ADL5606 Matching ................................................................... 14
 
ACPR and EVM ......................................................................... 15
 
Thermal Considerations ........................................................... 15
 
Soldering Information and Recommended PCB Land Pattern
....................................................................................................... 15
 
Evaluation Board ............................................................................ 16
 
Outline Dimensions....................................................................... 18
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
5/2020—Rev. B to Rev. C
Changes to Figure 35 ..................................................................... 14
9/2017—Rev. A to Rev. B
Changed CP-16-10 to CP-16-20 .................................Throughout
Changes to Figure 1.......................................................................... 1
Changes to Figure 3.......................................................................... 7
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide.......................................................... 18
9/2013—Rev. 0 to Rev. A
Added Figure 29; Renumbered Sequentially.............................. 12
Updated Outline Dimensions ...................................................... 18
7/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com