Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8107ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8107ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8107ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8107ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADL8107
SPECIFICATIONS
analog.com
Rev. B | 3 of 23
6 GHZ TO 7 GHZ FREQUENCY RANGE
VDD = 5 V, total supply current (IDQ) = 90 mA, RBIAS = 4.12 kΩ, and TCASE = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
7
GHz
GAIN
19.5
22.5
dB
Gain Variation over Temperature
0.03
dB/°C
NOISE FIGURE
1.9
dB
RETURN LOSS
Input
12
dB
Output
13
dB
OUTPUT
OP1dB
15
18
dBm
Saturated Output Power (PSAT)
19.5
dBm
OIP3
28
dBm
Measurement taken at output power (POUT) per tone = 6 dBm
OIP2
27
dBm
Measurement taken at POUT per tone = 6 dBm
POWER ADDED EFFICIENCY (PAE)
16
%
Measured at PSAT
7 GHZ TO 16 GHZ FREQUENCY RANGE
VDD = 5 V, IDQ = 90 mA, RBIAS = 4.12 kΩ, and TCASE = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
7
16
GHz
GAIN
21.5
24
dB
Gain Variation over Temperature
0.048
dB/°C
NOISE FIGURE
1.3
dB
RETURN LOSS
Input
12
dB
Output
13.5
dB
OUTPUT
OP1dB
16.5
18.5
dBm
Saturated Output Power (PSAT)
20
dBm
OIP3
29
dBm
Measurement taken at POUT per tone = 6 dBm
OIP2
30.5
dBm
Measurement taken at POUT per tone = 6 dBm
POWER ADDED EFFICIENCY (PAE)
18
%
Measured at PSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com