Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8107ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8107ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8107ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8107ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
ADL8107
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Single positive supply (self biased)
►
Gain: 24 dB typical at 7 GHz to 16 GHz
►
OIP3: 29 dBm typical at 7 GHz to 16 GHz
►
Noise figure: 1.3 dB typical at 7 GHz to 16 GHz
►
8-lead, 2 mm × 2 mm, LFCSP (see the Outline Dimensions
section)
APPLICATIONS
►
Test instrumentation
►
Military communications
►
Radar
GENERAL DESCRIPTION
The ADL8107 is a gallium arsenide (GaAs), monolithic micro-
wave IC (MMIC), pseudomorphic high electron mobility transistor
(pHEMT), low noise, wideband, high linearity amplifier that operates
from 6 GHz to 18 GHz.
The ADL8107 provides a typical gain of 24 dB at 7 GHz to
16 GHz, a 1.3 dB typical noise figure at 7 GHz to 16 GHz, a
18.5 dBm typical output power for 1 dB compression (OP1dB) at
7 GHz to 16 GHz, and a typical output third-order intercept (OIP3)
of 29 dBm at 7 GHz to 16 GHz, requiring only 90 mA from a 5 V
drain supply voltage. This low noise amplifier has a high output sec-
ond-order intercept (OIP2) of 30.5 dBm typical at 7 GHz to 16 GHz,
making the ADL8107 suitable for military and test instrumentation
applications.
The ADL8107 also features inputs and outputs that are internally
matched to 50 Ω. The RFIN and RFOUT pins are internally ac-cou-
pled, and the bias inductor is also integrated, making the ADL8107
ideal for surface-mounted technology (SMT)-based, high density
applications.
The ADL8107 is housed in a RoHS-compliant, 2 mm × 2 mm,
8-lead LFCSP.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - ADL8107ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8107ACPZN-R7 AD-ADL8107ACPZN-R7 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
More results

Similar Description - ADL8107ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com