Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8107ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL8107ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8107ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL8107ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
ADL8107
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 14 of 23
Figure 49. POUT, Gain, PAE, and IDD vs. PIN, Power Compression at 12 GHz,
VDD = 3 V, RBIAS = 909 Ω
Figure 50. POUT, Gain, PAE, and IDD vs. PIN, Power Compression at 16 GHz,
VDD = 3 V, RBIAS = 909 Ω
Figure 51. IDD vs. PIN for Various Frequencies, VDD = 3 V, RBIAS = 909 Ω
Figure 52. POUT, Gain, PAE, and IDD vs. PIN, Power Compression at 12 GHz,
VDD = 5 V, RBIAS = 4.12 kΩ
Figure 53. POUT, Gain, PAE, and IDD vs. PIN, Power Compression at 16 GHz,
VDD = 5 V, RBIAS = 4.12 kΩ
Figure 54. IDD vs. PIN for Various Frequencies, VDD = 5 V, RBIAS = 4.12 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com