Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8107ACPZN-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8107ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8107ACPZN-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL8107ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet
ADL8107
TABLE OF CONTENTS
analog.com
Rev. B | 2 of 23
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
6 GHz to 7 GHz Frequency Range.................... 3
7 GHz to 16 GHz Frequency Range.................. 3
16 GHz to 18 GHz Frequency Range................ 4
DC Specifications............................................... 4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Electrostatic Discharge (ESD) Ratings...............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Interface Schematics..........................................6
Typical Performance Characteristics..................... 7
Theory of Operation.............................................19
Applications Information...................................... 20
Recommended Bias Sequencing.....................20
Recommended Power Management Circuit........21
Using the RBIAS Pin to Enable and Disable
ADL8107............................................................22
Outline Dimensions............................................. 23
Ordering Guide.................................................23
Evaluation Boards............................................ 23
REVISION HISTORY
8/2023—Rev. A to Rev. B
Deleted Figure 73, Figure 74, Figure 76, and Figure 77; Renumbered Sequentially.................................... 18
Added Figure 73 and Figure 76; Renumbered Sequentially..........................................................................18
10/2022—Rev. 0 to Rev. A
Change to Using the RBIAS Pin to Enable and Disable ADL8107 Section................................................... 22
1/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com