Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  10 MHz to 8 GHz Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL8111ACCZN-R7 Datasheet HTML 1Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 2Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 3Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 4Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 5Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 6Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 7Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 8Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
ADL8111
SPECIFICATIONS
analog.com
Rev. A | 4 of 24
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VSS_SW
−3.6
−3.3
−3.0
V
VDD_PA = +5 V, IDQ_PA = 70 mA, VSS_SW = −3.3 V, VDD_SW = +3.3 V, and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
5000
8000
MHz
INTERNAL AMPLIFIER STATE
Small Signal Gain
10.6
11.5
dB
Gain Flatness
±1
dB
Input Return Loss
14
dB
Output Return Loss
16
dB
P1dB
17
dBm
OIP3
32
dBm
Noise Figure
4.5
dB
VDD_PA
3.0
5.0
5.5
V
INTERNAL BYPASS SWITCH STATE
Insertion Loss
2.7
dB
IIP31
58
dBm
P0.5dB
34
dBm
Return Loss On State
18
dB
Return Loss Off State
22
dB
VDD_SW
3.0
3.3
3.6
V
VSS_SW
−3.6
−3.3
−3.0
V
EXTERNAL BYPASS A AND EXTERNAL BYPASS B STATES2
Insertion Loss
1.5
dB
IIP3
57.5
dBm
P0.5dB
34.5
dBm
Return Loss On State
17
dB
Return Loss Off State
20
dB
VDD_SW
3.0
3.3
3.6
V
VSS_SW
−3.6
−3.3
−3.0
V
1 IIP3 and compression data for the internal bypass and the External Bypass B states is the same as the External Bypass A state data.
2 External Bypass A and External Bypass B were tested with an external 50 Ω transmission line on the evaluation board.
Table 3. Total Supply Current by VDD
Parameter
Min
Typ
Max
Unit
Supply Current
VDD_PA = 5 V
70
mA
VDD_SW = +3.3 V
30
μA
VSS_SW = −3.3 V
30
μA
Table 4. Logic Control Voltage
Digital Control Inputs
Min
Typ
Max
Unit
Current
Low
0
0.8
V
<1 μA typical
High
1.4
VDD_SW + 0.3
V
<1 μA typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com