Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  10 MHz to 8 GHz Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 2Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 3Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 4Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 5Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 6Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 7Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 8Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 9Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
ADL8111
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 24
Figure 5. Pin Configuration—Top View Not to Scale
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD_PA
Drain Bias Voltage. See Table 2.
2
VBIAS
Current Mirror Bias Resistor Pin. Use this pin to set the current to the internal resistor by the external resistor. See
Figure 9 for the interface schematic.
3, 5, 8, 10 to 12, 14, 17, 19 to 22, 24
to 26, 28
GND
RF and DC Ground. See Figure 6 for the interface schematic.
4
RFIN
RF Input. These pins are dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line potential
is not equal to 0 V dc.
6, 7
VA, VB
Control Input. See Table 2, Table 4, and Table 5. See Figure 8 and Figure 7 for the interface schematics.
9, 13
OUT_B, IN_B
These pins are dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line potential is not
equal to 0 V dc.
15
VSS_SW
Negative Bias Voltage. See Table 2.
16
VDD_SW
Positive Bias Voltage. See Table 2.
18
RFOUT
RF Output. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line potential is
not equal to 0 V dc.
23, 27
IN_A, OUT_A
These pins are dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF line potential is not
equal to 0 V dc.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
Figure 6. GND Interface Schematic
Figure 7. VB Interface Schematic
Figure 8. VA Interface Schematic
Figure 9. VBIAS Interface Schematic
Figure 10. RFIN and RFOUT Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com