Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  10 MHz to 8 GHz Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8111ACCZN-R7 Datasheet HTML 1Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 2Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 3Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 4Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 5Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 6Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 7Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 8Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
ADL8111
10 MHz to 8 GHz Bypass Amplifier
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Small signal gain of 12.5 dB typical from 10 MHz to 500 MHz
►
Broad operation from 10 MHz to 8000 MHz
►
OIP3 of 34 dBm typical from 10 MHz to 500 MHz
►
Internal amplifier state, output P1dB of 17 dBm typical from 5000
MHz to 8000 MHz
►
Noise figure of 2.8 dB typical from 10 MHz to 500 MHz
►
Low insertion loss of 2 dB typical for the internal bypass switch
state from 10 MHz to 500 MHz
►
Wide operating temperature range of −40°C to +85°C
►
RoHS compliant, 6 mm × 6 mm, 28-terminal LGA
►
ESD rating of ±750 V (Class 1B)
APPLICATIONS
►
Military
►
Test instrumentation
►
Communications
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADL8111 is a low noise amplifier (LNA) with a nonreflective
bypass switch that provides broadband operation from 10 MHz to
8000 MHz. The ADL8111 provides a low noise figure of 2.8 dB with
a high output third-order intercept (OIP3) of 34 dBm simultaneously,
which delivers a high dynamic range. The ADL8111 provides a gain
of 12.5 dB that is stable over frequency, temperature, power supply,
and from device to device.
The integration of an amplifier and two single-pole, quad-
throw (SP4T) nonreflective switches allows multiple gain and linear-
ity values. The addition of switches also offers high input intercept
performance and prevents distortion on the high signal level appli-
cations.
The ADL8111 has a high electrostatic discharge (ESD) rating of
±750 V (Class 1B) and is fully specified for operation across a wide
temperature range of −40°C to +85°C. The ADL8111 is offered in a
6 mm × 6 mm, 28-terminal land grid array (LGA) package.


Similar Part No. - ADL8111ACCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8111ACCZN-R7 AD-ADL8111ACCZN-R7 Datasheet
799Kb / 24P
Bypass Amplifier
4/2019-Revision 0
More results

Similar Description - ADL8111ACCZN-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC272 ETC-AC272 Datasheet
123Kb / 2P
10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC1508 ETC1-AC1508 Datasheet
114Kb / 2P
10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC580 TELEDYNE-AC580 Datasheet
175Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC2578 TELEDYNE-AC2578 Datasheet
172Kb / 2P
10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC3579 TELEDYNE-AC3579 Datasheet
178Kb / 2P
10 TO 3500 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 TELEDYNE-AP2008 Datasheet
165Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Analog Devices
ADL8112 AD-ADL8112 Datasheet
1Mb / 27P
10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com