Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  10 MHz to 8 GHz Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 16Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 17Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 18Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 19Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 20Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 21Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 22Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 23Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL8111
APPLICATIONS INFORMATION
analog.com
Rev. A | 21 of 24
The basic connections for operating the ADL8111 are shown in
Figure 86, which is also the schematic for the evaluation board. A
5 V dc bias is supplied to the amplifier on VDD_PA, +3.3 V dc bias
supply to VDD_SW and −3.3 V dc bias supply to VSS_SW.
VA and VB are digital inputs set path states shown in Table 7. High
logic state is set at 1.4 V and low logic state is set at 0 V.
The LNA within the ADL8111 operates in self-biased mode where
the VBIAS pin is connected to a 560 Ω external resistor to achieve
a 70 mA supply current. Refer to Table 9 for the recommended
resistor values to achieve different IDQ currents.
Figure 84 shows the time domain response at RFOUT to switching
voltages on VA and VB when RFIN is driven by a steady level of
approximately 2.5 dBm at 200 MHz. Both of the External Bypass
connections paths (External Bypass A, External Bypass B) are left
open.
With VA and VB low and high respectively, the ADL8111 is in Inter-
nal Amplifier Mode and the observed output level is approximately
4VPP or 16 dBm. With VA high and VB low, device switches to
Internal Bypass Mode, and the output drops correspondingly. With
VA and VB both low or both high, the device switches to either
External Bypass A or External Bypass B. Since these two paths
are left open in this case, no signal appears at the output for both
cases.
Figure 84. Time Domain Response of RFOUT to Switching of VA and VB
Voltages with a Continuous 2.5 dBm RF Input on RFIN
RECOMMENDED BIAS SEQUENCING
During Power-Up
The recommended bias sequence during power-up follows:
1. Set VDD_SW = 3.3 V.
2. Set VSS_SW = −3.3 V.
3. Set VDD_PA = 5 V.
4. Apply the RF signal.
During Power-Down
The recommended bias sequence during power-down follows:
1. Turn off the RF signal.
2. Set VDD_PA = 0 V.
3. Set VSS_SW = 0 V.
4. Set VDD_SW = 0 V.
The bias conditions, VDD_PA = 5 V at IDQ = 70 mA, is the
recommended operating point to achieve optimum performance.
The data used in this data sheet was taken with the recommended
bias condition. Using the HMC8411 with different bias conditions
can provide different performance than what is shown in the Typical
Performance Characteristics section.
Table 9. Recommended Bias Resistor Values at VDD_PA = 5 V
RBIAS (Ω)
IDQ (mA)
226
85
560
70
1.1 k
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com