Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5545ABCPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5545ABCPZN-R7
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5545ABCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Channel, 2.4 GHz to 4.2 GHz
Receiver Front End
Data Sheet
ADRF5545A
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Integrated dual-channel RF front end
2-stage LNA and high power SPDT switch
On-chip bias and matching
Single supply operation
Gain
High gain mode: 32 dB typical at 3.6 GHz
Low gain mode: 16 dB typical at 3.6 GHz
Low noise figure
High gain mode: 1.45 dB typical at 3.6 GHz
Low gain mode: 1.45 dB typical at 3.6 GHz
High isolation
RXOUT-CHA and RXOUT-CHB: 47 dB typical
TERM-CHA and TERM-CHB: 52 dB typical
Low insertion loss: 0.65 dB typical at 3.6 GHz
High power handling at TCASE = 105°C
Full lifetime
LTE average power (9 dB PAR): 40 dBm
Single event (<10 sec operation)
LTE average power (9 dB PAR): 43 dBm
High OIP3: 32 dBm typical
Power-down mode and low gain mode for LNA
Low supply current
High gain mode: 86 mA typical at 5 V
Low gain mode: 36 mA typical at 5 V
Power-down mode: 12 mA typical at 5 V
Positive logic control
6 mm × 6 mm, 40-lead LFCSP package
APPLICATIONS
Wireless infrastructure
TDD massive multiple input and multiple output and active
antenna systems
TDD-based communication systems
FUNCTIONAL BLOCK DIAGRAM
1
GND
2
GND
3
ANT-CHA
4
GND
5
SWCTRL-CHAB
6
SWVDD-CHAB
7
GND
8
ANT-CHB
9
GND
10
GND
23 GND
24 BP-CHB
25 NIC
26 PD-CHAB
27 BP-CHA
28 GND
29 RXOUT-CHA
30 GND
22 RXOUT-CHB
21 GND
ADRF5545A
Figure 1.
GENERAL DESCRIPTION
The ADRF5545A is a dual-channel, integrated radio frequency
(RF), front-end multichip module designed for time division
duplexing (TDD) applications that operates from 2.4 GHz to
4.2 GHz. The ADRF5545A is configured in dual channels with
a cascading two-stage low noise amplifier (LNA) and a high
power silicon single-pole, double-throw (SPDT) switch.
In high gain mode, the cascaded two-stage LNA and switch
offer a low noise figure (NF) of 1.45 dB and a high gain of
32 dB at 3.6 GHz with an output third-order intercept point
(OIP3) of 32 dBm (typical). In low gain mode, one stage of the
two-stage LNA is in bypass, providing 16 dB of gain at a lower
current of 36 mA. In power-down mode, the LNAs are turned
off and the device draws 12 mA.
In transmit operation, when RF inputs are connected to a
termination pin (TERM-CHA or TERM-CHB), the switch
provides a low insertion loss of 0.65 dB and handles long-term
evolution (LTE) average power (9 dB peak to average ratio
(PAR)) of 40 dBm for full lifetime operation and 43 dBm for
single event (<10 sec) LNA protection operation.
The device comes in an RoHS compliant, compact, 6 mm ×
6 mm, 40-lead LFCSP package.


Similar Part No. - ADRF5545ABCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5545ABCPZN-R7 AD-ADRF5545ABCPZN-R7 Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
More results

Similar Description - ADRF5545ABCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5515 AD-ADRF5515 Datasheet
410Kb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
11/2020-Revision 0
ADRF5519 AD-ADRF5519 Datasheet
1Mb / 16P
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
4/2021-Revision 0
ADRF5547 AD-ADRF5547 Datasheet
320Kb / 15P
Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
logo
NXP Semiconductors
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com