Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5545ABCPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5545ABCPZN-R7
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5545ABCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 18Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADRF5545A
Rev. B | Page 15 of 20
RECEIVE OPERATION, LOW GAIN MODE WITH 2.6 GHz TUNING
0
5
10
15
20
1
2
3
4
5
FREQUENCY (GHz)
–40°C
+25°C
+105°C
Figure 35. Gain vs. Frequency at Various Temperatures
–25
–20
–15
–10
–5
0
1
2
3
4
5
FREQUENCY (GHz)
INPUT
OUTPUT
Figure 36. Return Loss vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
2.2
2.4
2.6
2.8
3.0
3.2
FREQUENCY (GHz)
–40°C
+25°C
+105°C
Figure 37. Noise Figure vs. Frequency at Various Temperatures
10
12
14
16
18
20
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
–40°C
+25°C
+105°C
Figure 38. Gain vs. Frequency at Various Temperatures,
2.0 GHz to 4.0 GHz
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
1
2
3
4
5
FREQUENCY (GHz)
ISOLATION RXOUT-CHA TO RXOUT-CHB
ISOLATION RXOUT-CHB TO RXOUT-CHA
Figure 39. Channel to Channel Isolation vs. Frequency
10
15
20
25
30
35
2.2
2.4
2.6
2.8
3.0
3.2
FREQUENCY (GHz)
–40°C
+25°C
+105°C
Figure 40. OIP3 vs. Frequency at Various Temperatures,
−8 dBm Output Tone Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com