Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5545ABCPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5545ABCPZN-R7
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5545ABCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADRF5545A
Data Sheet
Rev. B | Page 10 of 20
RECEIVE OPERATION, LOW GAIN MODE
20
0
1.0
6.0
FREQUENCY (GHz)
4
10
14
18
2
6
8
12
16
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40°C
+25°C
+105°C
Figure 16. Gain vs. Frequency at Various Temperatures
0
–30
1.0
6.0
FREQUENCY (GHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–25
–20
–15
–10
–5
INPUT
OUTPUT
Figure 17. Return Loss vs. Frequency
20
18
16
14
12
10
4.2
4.0
FREQUENCY (GHz)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
–40°C
+25°C
+105°C
Figure 18. Gain vs. Frequency at Various Temperatures,
2.2 GHz to 4.2 GHz
–30
–70
–65
–60
–55
–50
–45
–40
–35
1.0
6.0
FREQUENCY (GHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ISOLATION RXOUT-CHA TO RXOUT-CHB
ISOLATION RXOUT-CHB TO RXOUT-CHA
Figure 19. Channel to Channel Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com