Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5545ABCPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5545ABCPZN-R7
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5545ABCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5545ABCPZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADRF5545A
Rev. B | Page 11 of 20
2.5
0
2.4
4.2
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
–40°C
+25°C
+105°C
Figure 20. Noise Figure vs. Frequency at Various Temperatures
35
10
15
20
25
30
4.0
FREQUENCY (GHz)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
–40°C
+25°C
+105°C
Figure 21. OIP3 vs. Frequency, −10 dBm Output Tone Power
20
0
5
10
15
4.0
FREQUENCY (GHz)
3.0
3.2
3.4
3.6
3.8
–40°C
+25°C
+105°C
Figure 22. OP1dB vs. Frequency at Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com