Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBBE Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PXAS30KBBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBBE Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PXAS30KBBE Datasheet HTML 43Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 44Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 45Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 46Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 47Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 48Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 49Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 50Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
47
SU01228
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
Frequency (MHz)
Max. IDD (Active)
Typical IDD (Active)
Typical IDD (Idle)
Max. IDD (Idle)
Figure 37. IDD vs. Frequency
Valid only within frequency specification of the device under test.
VDD–0.5
0.45V
0.7VDD
0.2VDD–0.1
tCHCL
tCL
tCLCH
tCLCX
tCHCX
SU00608A
Figure 38. Clock Signal Waveform for IDD Tests in Active and Idle Modes
tCLCH = tCHCL = 5 ns
VDD
EA
RST
XTAL1
XTAL2
VSS
(NC)
SU00585A
VDD
VDD
Figure 39. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD=2 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com