Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBBE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PXAS30KBBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBBE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PXAS30KBBE Datasheet HTML 3Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 4Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 5Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 6Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 7Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 8Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 9Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 10Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
7
PIN DESCRIPTIONS
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
MNEMONIC
PLCC
LQFP
TYPE
NAME AND FUNCTION
VSS
1, 20, 55
12, 13,
53, 54,
69, 70
I
Ground: 0 V reference.
VDD
2, 21, 54
14, 15,
51, 52,
71, 72
I
Power Supply: This is the power supply voltage for normal, idle, and power down
operation.
RST
50
47
I
Reset: A low on this pin resets the microcontroller, causing I/O ports and peripherals to
take on their default states, and the processor to begin execution at the address contained
in the reset vector.
RSTOUT
19
11
O
Reset Output: This pin outputs a low whenever the XA-S3 processor is reset for any
reason. This includes an external reset via the RST pin, watchdog reset, and the RESET
instruction.
ALE/PROG
47
44
I/O
Address Latch Enable/Program Pulse: A high output on the ALE pin signals external
circuitry to latch the address portion of the multiplexed address/data bus. A pulse on ALE
occurs only when it is needed in order to process a bus cycle.
PSEN
48
45
O
Program Store Enable: The read strobe for external program memory. When the
microcontroller accesses external program memory, PSEN is driven low in order to enable
memory devices. PSEN is only active when external code accesses are performed.
EA/WAIT/VPP
22
16
I
External Access/Bus Wait: The EA input determines whether the internal program
memory of the microcontroller is used for code execution. The value on the EA pin is
latched as the external reset input is released and applies during later execution. When
latched as a 0, external program memory is used exclusively. When latched as a 1, internal
program memory will be used up to its limit, and external program memory used above that
point. After reset is released, this pin takes on the function of bus WAIT input. If WAIT is
asserted high during an external bus access, that cycle will be extended until WAIT is
released.
XTAL1
68
68
I
Crystal 1: Input to the inverting amplifier used in the oscillator circuit and input to the
internal clock generator circuits.
XTAL2
67
67
I
Crystal 2: Output from the oscillator amplifier.
CLKOUT
49
46
O
Clock Output: This pin outputs a buffered version of the internal CPU clock. The clock
output may be used in conjunction with the external bus to synchronize WAIT state
generators, etc. The clock output may be disabled by software.
AVDD
33
28, 29
I
Analog Power Supply: Positive power supply input for the A/D converter.
AVSS
34
30, 31
I
Analog Ground.
AVREF+
32
27
I
A/D Positive Reference Voltage: High end reference for the A/D converter.
AVREF–
31
26
I
A/D Negative Reference Voltage: Low end reference for the A/D converter.
P0.0 – P0.7
45, 46,
51–53,
56–58
42, 43,
48–50,
55–57
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type. Port 0 latches have
1s written to them and are configured in the quasi-bidirectional mode during reset. The
operation of port 0 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to the section on I/O port
configuration and the DC Electrical Characteristics for details.
When the external program/data bus is used, Port 0 becomes the multiplexed low
data/instruction byte and address lines 4 through 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com