Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBBE Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PXAS30KBBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBBE Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PXAS30KBBE Datasheet HTML 12Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 13Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 14Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 15Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 16Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 17Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 18Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 19Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
16
Table 3. A/D Timing Configuration for 10-bit Mode
ADCFG 3 0
Max. Oscillator
Conversion Time
Sampling Time
ADCFG.3–0
Frequency (MHz)
Osc. Clocks
µsec at max. Osc.
pg
(Osc. Clocks)
0h (0000)
6.66
88
13.21
4
1h (0001)
8
92
9.2
6
2h (0010)
8
96
8.64
8
3h (0011)
12
116
8.7
8
4h (0100)
12
120
7.2
10
5h (0101)
12
124
6.2
12
6h (0110)
12
136
6.8
24
7h (0111)
12
128
5.77
14
8h (1000)
13
148
6.35
14
9h (1001)
13
152
5.71
16
Ah (1010)
13
156
5.2
18
Bh (1011)
13
170
5.67
32
Ch (1100)
13
160
5.0
20
Dh (1101)
16
180
5.41
20
Eh (1110)
20
204
5.57
22
Fh (1111)
20
208
5.2
24
A/D Inputs
In order to obtain accurate measurements with the A/D Converter,
the source drive must be sufficient to adequately charge the
sampling capacitor during the sampling time. Figure 4 shows the
equivalent resistance and capacitance related to the A/D inputs.
A/D timing configurations indicated in Table 1 allow for full A/D
accuracy (according to the A/D specifications) assuming a source
resistance of less than or equal to 20k
Ω. Larger source resistances
may be accommodated by increasing the sampling time with a
different A/D timing configuration.
RS
VANALOG
INPUT
CS
CC
TO COMPARATOR
+
ADN
ADN+1
SmN+1
SmN
RmN+1
RmN
Multiplexer
Rm (multiplexer resistance)
= 3 k
Ω maximum
CS (pin capacitance)
= 10 pF maximum
CC (sampling capacitor)
= 2 pF maximum
RS (source resistance)
= Recommended less than 20k
Ω for full specified accuracy. This allows time for the sampling
capacitor (CC) to fully charge while the multiplexer switch is closed. Please note that sampling
causes the analog input to present a varying load to the pin.
SU00948
Figure 4. A/D Input: Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com