Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS30KBBE Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PXAS30KBBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30KBBE Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PXAS30KBBE Datasheet HTML 29Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 30Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 31Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 32Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 33Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 34Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 35Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 36Page - NXP Semiconductors PXAS30KBBE Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
33
EVENT INTERRUPTS
DESCRIPTION
FLAG BIT
VECTOR ADDRESS
ENABLE BIT
INTERRUPT
PRIORITY
ARBITRATION
RANKING
External Interrupt 0
IE0
0080–0083
EX0
IPA0.2–0 (PX0)
2
Timer 0 Interrupt
TF0
0084–0087
ET0
IPA0.6–4 (PT0)
3
External Interrupt 1
IE1
0088–008B
EX1
IPA1.2–0 (PX1)
4
Timer 1 Interrupt
TF1
008C–008F
ET1
IPA1.6–4 (PT1)
5
Timer 2 Interrupt
TF2 (EXF2)
0090–0093
ET2
IPA2.2–0 (PT2)
6
PCA Interrupt
CCF0–CCF4, CF
0094–0097
EPC
IPA2.6–4 (PPC)
7
A/D Interrupt
ADINT
0098–009B
EAD
IPA3.2–0 (PAD)
8
Serial Port 0 Rx
RI_0
00A0–00A3
ERI0
IPA4.2–0 (PRI0)
9
Serial Port 0 Tx
TI_0
00A4–00A7
ETI0
IPA4.6–4 (PTI0)
10
Serial Port 1 Rx
RI_1
00A8–00AB
ERI1
IPA5.2–0 (PRI1)
11
Serial Port 1 Tx
TI_1
00AC–00AF
ETI1
IPA5.6–4 (PTI1)
12
PCA channel 0
CCF0
00C0–00C3
EC0
IPB0.2–0 (PC0)
17
PCA channel 1
CCF1
00C4–00C7
EC1
IPB0.6–4 (PC1)
18
PCA channel 2
CCF2
00C8–00CB
EC2
IPB1.2–0 (PC2)
19
PCA channel 3
CCF3
00CC–00CF
EC3
IPB1.6–4 (PC3)
20
PCA channel 4
CCF4
00D0–00D3
EC4
IPB2.2–0 (PC4)
21
I2C Interrupt
SI
00D4–00D7
EI2
IPB2.6–4 (PI2)
22
SOFTWARE INTERRUPTS
DESCRIPTION
FLAG BIT
VECTOR ADDRESS
ENABLE BIT
INTERRUPT PRIORITY
Software Interrupt 1
SWR1
0100–0103
SWE1
(fixed at 1)
Software Interrupt 2
SWR2
0104–0107
SWE2
(fixed at 2)
Software Interrupt 3
SWR3
0108–010B
SWE3
(fixed at 3)
Software Interrupt 4
SWR4
010C–010F
SWE4
(fixed at 4)
Software Interrupt 5
SWR5
0110–0113
SWE5
(fixed at 5)
Software Interrupt 6
SWR6
0114–0117
SWE6
(fixed at 6)
Software Interrupt 7
SWR7
0118–011B
SWE7
(fixed at 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com