Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3351-SW Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 17Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 18Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 19Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 20Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 21Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 22Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 23Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 24Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
15
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
29
VSSO
81
CLK25
133
VDDI
185
MDATA12
30
VDDO
82
nc
134
VDDO
186
MDATA11
31
VSSI
83
MDIO
135
MADDR3
187
MDATA10
32
VDDI
84
VDDO
136
MADDR2
188
MDATA9
33
AD17
85
VSSO
137
MADDR1
189
MDATA8
34
AD16
86
VSSI
138
MADDR0
190
VSSO
35
CBE2
87
VDDI
139
MCS3
*
191
VDDO
36
VSSO
88
MDC
140
MCS2
*
192
MDATA7
37
REQ
*
89
ERST*
141
MCS1
*
193
MDATA6
38
GNT
*
90
VSSO
142
VSSO
194
MDATA5
39
INT
*
91
VDDO
143
VDDO
195
MDATA4
40
VDDO
92
RXD3
144
MCS0
*
196
MDATA3
41
VSSO
93
RXD2
145
MRDY*
197
MDATA2
42
AD15
94
RXD1
146
MRD*
198
VSSO
43
AD14
95
RXD0
147
MWR3
*
199
VDDO
44
AD13
96
RX_DV
148
MWR2
*
200
MDATA1
45
AD12
97
RX_CLK
149
VSSO
201
MDATA0
46
AD11
98
RX_ER
150
VDDO
202
MINTR
*
47
VSSO
99
VDDO
151
MWR1
*
203
TST*
48
VDDO
100
TX_CLK
152
MWR0
*
204
nc
49
AD10
101
TX_EN
153
MGWE*
205
nc
50
AD9
102
TXD0
154
MRAS
*
206
nc
51
AD8
103
BIAS5V
155
VSSO
207
VSSI
52
CBE1
104
VSSO
156
VDDO
208
VDDI
•
All VDD and VSS lines must be connected to the 3.3V supply and ground
respectively.
•
Standard decoupling practices should be followed for proper device operation.
•
The 4 pins marked as "nc" should be left as no-connects. They are intended
solely for factory use. Do not connect pins marked "nc" directly to either VDD or
VSS. If need be, the pins can be connected to either VDD or VSS through a
terminating resistor of value 1 k-ohm or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com