Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3351-SW Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 38Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 39Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 40Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 41Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 42Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 43Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 44Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 45Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
36
memory data bus lines to specific values during reset, as described later; the resistor
values used are not critical, and may range from 4.7k to 10k.
It is assumed that the minimum recommended configuration of 512 kilobyte of SRAM
and 32 kbytes of EPROM are used. A typical implementation would use four 128k x 8-
bit 15 ns SRAM, together with a 256 kbit (32k x 8-bit) 150 ns EPROM. Larger memories
may also be used if more buffer space or MAC addresses are to be supported; if this is
done, the configuration parameters in the EPROM must be changed to reflect the
increased memory size. The SRAM and EPROM device types and speeds are defined
by the setting of the pull-up / pull-down resistors on the memory data bus during reset
time.
The power-on reset generator can be created either from discrete components, or from
a low-cost CPU monitor; the ERST* output from the ELAN 1x100 chip is strapped to the
reset signal to implement the watchdog capability of the ELAN device. Note that the
ERST* output may, as an alternative, used to signal some external processor that the
ELAN 1x100 device has encountered a fatal error condition requiring a software or
hardware reset; in this case, the ERST* output should be pulled up using a 2.7k
resistor.
The LED register is implemented using a simple 8-bit TTL register with a clock enable
that is tied to the indicated chip select output from the ELAN 1x100. Eight LEDs may be
connected to the outputs of this register to present the diagnostic status codes output
by the ELAN 1x100 firmware during self-test, system boot and operation. If a simple
TTL register is used, the LED register is effectively write-only; writes to this register will
modify the state of the LEDs, but reads from this register return invalid values. A read-
back register can be used if this is a significant issue.
The first three chip select lines from the ELAN 1x100 (i.e., MCS[0]*, MCS[1]* and
MCS[2]*) are tied to the SRAM, the EPROM and the LED register, respectively; the
remaining chip select is unused. This maps the SRAM into the first bank of address
space, the EPROM into the second bank, and the LED register into the third bank. The
address map in the following subsection gives the 24-bit address ranges assigned to
each resource.
This system has only been presented to serve as a basis for the following discussion on
the device and system operation, and is not intended to serve as a complete example
or reference design. More details on actual system construction with the ELAN 1x100
may be found in the relevant application notes and reference design documents.
System Memory Map
The ELAN 1x100 device uses a single linear (flat) byte-addressable 16 MB address
space for accessing memory and memory-mapped devices. The external memory map
for the system described above is quite straightforward. From the point of view of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com