Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3351-SW Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 35Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 36Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 37Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 38Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 39Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 40Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 41Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 42Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
FUNCTIONAL DESCRIPTION
Overview
This section will provide an overview of the PM3351 ELAN 1x100 components, the
device initialization and configuration process, the structures built and used by the
device to perform its functions, and a brief description of how packets are switched by
the device.
System Components
In order to describe the functions and operation of the ELAN 1x100 device, it is first
necessary to discuss the operating environment that is intended to be built around it. A
typical simple switching subsystem utilizing the ELAN 1x100 device consists of:
1.
The ELAN 1x100 device itself. (Clearly, a complete system will include more
than a single ELAN 1x100 device, but this is not shown in the diagram below.)
2.
A set of SRAM devices that provide the operating memory for the ELAN 1x100.
This memory should be mapped to the lowest bank of the ELAN 1x100 address
space (i.e., addresses starting at 0x000000 hex). The amount of SRAM
provided is a system-dependent parameter; a minimum system with about 150
kB of buffer space and around 1200 MAC addresses in the address table
requires 512kB of SRAM. SRAM requirements for this and other system
configurations may be computed using parameters supplied later in this
document.
3.
An EPROM containing the bootstrap image for the ELAN 1x100 (i.e., the
operating firmware, operating parameters, and system initialization code) if this
ELAN device is designated as the system master. This EPROM is mapped to
the second lowest bank of the ELAN 1x100 memory address space (the 4 MB
address range starting at address 0x400000 hex.) The size of the EPROM is
highly dependent on the operating configuration of the ELAN 1x100, with the
minimum requirement being 32 kB.
4.
External transceiver devices that implement the PHY layer functions required for
100BaseT Ethernet.
5.
An LED register, connected to a bank of eight LEDs, that may be used to report
status information for diagnostic purposes if required. The LED register is
mapped into the third bank of ELAN 1x100 memory address space, starting at
0x800000 hex.
6.
A system voltage monitor or other means of asserting a system reset for a
specified time after the power supply voltage has stabilized, plus, if desired, a
pushbutton switch for forcing a system reset after power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com