Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3351-SW Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 9Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 10Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 11Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 12Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 13Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 14Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 15Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 16Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
7
Expansion Port
A 32-bit parity-checked PCI-based expansion port is provided to allow the ELAN 1x100
to communicate transparently with other PCI bus devices to implement switches that
have multiple 100Mbit/s and 10Mbit/s ports. The expansion port supports a maximum
throughput of over 1 Gbit/s, and requires only a single PAL or similar device serving as
a bus arbiter. A common protocol is used for inter-chip communication between the
ELAN 1x100 (PM3351) and ELAN 8x10 (PM3350). Packets received on an ELAN
1x100 MAC port that are destined for an external ELAN switch chip are transferred over
the expansion bus prior to transmission on the designated destination port. Broadcast
and multicast packets are handled using a two-level replication scheme, in which the
broadcast/multicast frame is first transferred to all of the external ELAN switch chips,
after which it is transmitted out the required destination ports without any further use of
the expansion bus. (In the case of an ELAN 1x100, only one port is present in each
destination device, and hence only one level of replication takes place.) In addition,
ELAN switch chips interconnected via the PCI bus exchange information to maintain the
distributed MIB.
The expansion port is compatible with the industry-standard Peripheral Component
Interconnect (PCI) specification version 2.1, which allows the ELAN 1x100 chip to be
directly interfaced to any host computer supporting the PCI bus. The host CPU can
then communicate with the ELAN 1x100 and control its functions, greatly expanding the
range of potential applications. The maximum PCI clock of 40 MHz is supported.
Local Memory Controller
The local memory is used for holding configuration information, MAC address tables
and statistics tables, node management data, packet buffers, and host communication
queues if a local host CPU is present. The ELAN 1x100 integrates a memory controller
that is capable of addressing and directly driving up to 16 MBytes of external memory,
divided into four banks of 4 MBytes each, with decoded selects for each bank.1
Independent, software programmable access times may be set for each bank, allowing
a glueless interface to a mix of SRAM, , EEPROM, and EPROM in the same system.
An external memory timing generator may also be used if desired. The memory
controller accepts simultaneous requests from the Switch Processor, the DMA
processor, and the expansion port, and efficiently partitions the 100 MByte-per-second
memory port bandwidth among them.
The ELAN 1x100 is capable of auto-configuring after power-up via an 8-bit EPROM or
EEPROM connected to the memory port. Parameters (such as the MAC address, IP
1 When accessing SRAM and EEPROM devices, however, the actual limit is 1 Mbyte per bank, as the
upper bits of the internal address bus are not brought out to physical pins. The entire 4 Mbytes per bank is
only accessible when using DRAM memory types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com