Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 45Page - Cirrus Logic CS8416_07 Datasheet HTML 46Page - Cirrus Logic CS8416_07 Datasheet HTML 47Page - Cirrus Logic CS8416_07 Datasheet HTML 48Page - Cirrus Logic CS8416_07 Datasheet HTML 49Page - Cirrus Logic CS8416_07 Datasheet HTML 50Page - Cirrus Logic CS8416_07 Datasheet HTML 51Page - Cirrus Logic CS8416_07 Datasheet HTML 52Page - Cirrus Logic CS8416_07 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
DS578F3
49
CS8416
16.EXTERNAL AES3/SPDIF/IEC60958 RECEIVER COMPONENTS
16.1 AES3 Receiver External Components
The CS8416 AES3 receiver is designed to accept both the professional and consumer interfaces. The dig-
ital audio specifications for professional use call for a balanced receiver, using XLR connectors, with
110
Ω ± 20% impedance. The XLR connector on the receiver should have female pins with a male shell.
Since the receiver has a very high input impedance, a 110
Ω resistor should be placed across the receiver
terminals to match the line impedance, as shown in Figures 16 and 17. Although transformers are not re-
quired by the AES specification, they are strongly recommended.
If some isolation is desired without the use of transformers, a 0.01
μF capacitor should be placed in series
with each input pin (RXP[7:0] and RXN) as shown in Figure 17. However, if a transformer is not used, high
frequency energy could be coupled into the receiver, causing degradation in analog performance.
Figures 16 and 17 show an optional (recommended) DC blocking capacitor (0.1
μF to 0.47 μF) in series with
the cable input. This improves the robustness of the receiver, preventing the saturation of the transformer,
or any DC current flow, if a DC voltage is present on the cable.
In the case of the consumer interface, the standards call for an unbalanced circuit having a receiver imped-
ance of 75
Ω ±5%. The connector for the consumer interface is an RCA phono socket. The receiver circuit
for the consumer interface is shown in Figure 18. An implementation of the Input S/PDIF Multiplexer using
the consumer interface is shown in Figure 19.
The circuit shown in Figure 20 may be used when external RS422 receivers, optical receivers or other
TTL/CMOS logic outputs drive the CS8416 receiver section.
In the configuration of systems, it is important to avoid ground loops and DC current flowing down the shield
of the cable that could result when boxes with different ground potentials are connected. Generally, it is
good practice to ground the shield to the chassis of the transmitting unit, and connect the shield through a
capacitor to chassis ground at the receiver. However, in some cases it is advantageous to have the ground
of two boxes held to the same potential, and the cable shield might be depended upon to make that electrical
connection. Generally, it is a good idea to provide the option of grounding or capacitively coupling the shield
to the chassis.
16.2 Isolating Transformer Requirements
Please refer to the application note AN134: AES and SPDIF Recommended Transformers for resources on
transformer selection.
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8416
RXP0
RXN
* See Text
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8416
RXP0
RXN
0.01 F
μ
0.01 F
μ
*See Text
Figure 16. Professional Input Circuit
Figure 17. Transformerless Professional Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com