Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 17Page - Cirrus Logic CS8416_07 Datasheet HTML 18Page - Cirrus Logic CS8416_07 Datasheet HTML 19Page - Cirrus Logic CS8416_07 Datasheet HTML 20Page - Cirrus Logic CS8416_07 Datasheet HTML 21Page - Cirrus Logic CS8416_07 Datasheet HTML 22Page - Cirrus Logic CS8416_07 Datasheet HTML 23Page - Cirrus Logic CS8416_07 Datasheet HTML 24Page - Cirrus Logic CS8416_07 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DS578F3
21
CS8416
Figure 6. Typical Connection Diagram - Hardware Mode
* These pins must be pulled high to VL or low to DGND through a 47 k
Ω resistor.
** A separate analog supply is only necessary in applications where RMCK is used for a jitter sensitive task. For
applications where RMCK is not used for a jitter sensitive task, connect VA to VD via a ferrite bead. Keep decou-
pling capacitors between VA and AGND.
*** See “S/PDIF Receiver” on page 27 and “External AES3/SPDIF/IEC60958 Receiver Components” on page 49
for typical input configurations and recommended input circuits.
**** For best jitter performance connect the filter ground directly to the AGND pin. See Table 6 on page 54 for PLL
filter values.
10 F
μ
CS8416
0.1 F
μ
+3.3 V
FILT
DGND
AGND
RFLT
CFLT
CRIP
***
****
RXN
RXP0
RXP1
RXP2
RXP3
AES3 /
S/PDIF
Sources
Hardware
Control
RXSEL1
TXSEL0
TXSEL1
NV/RERR
96KHZ
RCBL
U
C
Ferrite
Bead
+3.3 V
Analog
Supply **
OMCK
Clock Source
RXSEL0
RST
AUDIO
VA
VD
VL
TX
RMCK
Clock Control
Serial Audio
Input Device
OLRCK
OSCLK
SDOUT
External
Interface
47k
Ω
**
*
*
*
*
*
*
0.1 F
μ
0.1 F
μ
+3.3 V or +5 V
VL
VL
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com