Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 28Page - Cirrus Logic CS8416_07 Datasheet HTML 29Page - Cirrus Logic CS8416_07 Datasheet HTML 30Page - Cirrus Logic CS8416_07 Datasheet HTML 31Page - Cirrus Logic CS8416_07 Datasheet HTML 32Page - Cirrus Logic CS8416_07 Datasheet HTML 33Page - Cirrus Logic CS8416_07 Datasheet HTML 34Page - Cirrus Logic CS8416_07 Datasheet HTML 35Page - Cirrus Logic CS8416_07 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
DS578F3
CS8416
11.CHANNEL STATUS AND USER-DATA HANDLING
“Channel Status Buffer Management” on page 51 describes Channel Status and User data control.
11.1 Software Mode
In Software Mode, several options are available for accessing the Channel Status and User data that is en-
coded in the received AES3/SPDIF stream.
The first option allows access directly through registers. The first 5 bytes of the Channel Status block are
decoded into the Receiver Channel Status Registers 19h - 22h. Registers 19h - 1Dh contain the A channel
status data. Registers 1Eh - 22h contain the B channel status data.
Received Channel Status (C), User (U), and EMPH bits may also be output to the GPO pins by appropriately
setting the GPOxSEL bits in control port registers 02h and 03h. In serial port master mode, OLRCK and
RCBL can be made available to qualify the U data output. In serial port slave mode, VLRCK and RCBL can
be made available to qualify the U data output. VLRCK is a virtual word clock, equal to the receiver recov-
ered sample rate, that can be used to frame the C/U output. VLRCK and RCBL are available through the
GPO pins. Figure 10 illustrates timing of the C and U data and their related signals.
The user may also access all of the C and U bits directly from the output data stream (SDOUT) by setting
bits SORES[1:0]=11 (AES3 Direct Mode) in the Serial Audio Data Format register (05h). The appropriate
bits can be stripped from the SDOUT signal by external control logic such as a DSP or microcontroller.
If the incoming User data bits have been encoded as Q-channel subcode, the data is decoded, buffered,
and presented in 10 consecutive register locations (0Eh-17h). An interrupt may be enabled to indicate the
decoding of a new Q-channel block, which may be read through the control port.
The encoded Channel Status bits which indicate sample word length are decoded according to AES3-1992
or IEC 60958. The number of auxiliary bits are reported in bits 7 to 4 of the Receiver Channel Status register
(0Ah).
11.2 Hardware Mode
In Hardware Mode, Received Channel Status (C), and User (U) bits are output on pins 19 and 18. In serial
port master mode, OLRCK and RCBL are made available to qualify the C and U data output. Figure 10 il-
lustrates timing of the C and U data and their related signals.
The user may also access all of the C and U bits directly from the output data stream (SDOUT) by pulling
the AUDIO and C pins high through 47 k
Ω resistors to VL (AES3 Direct Mode). The appropriate bits can be
stripped from the SDOUT signal by external control logic such as a DSP or microcontroller. Only OLRCK in
master mode is available to qualify the U output. See “Hardware Mode Function Selection” on page 46 and
“Hardware Mode Equivalent Register Settings” on page 47 to configure these pins..
Figure 10. C/U Data Outputs
– RCBL goes high 2 frames after receipt of a Z preamble and is high for 16 frames.
– VLRCK is a virtual work clock, available through the GPO pins, that can be used
to frame the C/U output.
– VLRCK duty cycle is 50%. VLRCK frequency is always equal to the incoming
RCBL
(out)
VLRCK
(out)
C/U
(out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com