Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8416 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8416
Description  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 9Page - Cirrus Logic CS8416_07 Datasheet HTML 10Page - Cirrus Logic CS8416_07 Datasheet HTML 11Page - Cirrus Logic CS8416_07 Datasheet HTML 12Page - Cirrus Logic CS8416_07 Datasheet HTML 13Page - Cirrus Logic CS8416_07 Datasheet HTML 14Page - Cirrus Logic CS8416_07 Datasheet HTML 15Page - Cirrus Logic CS8416_07 Datasheet HTML 16Page - Cirrus Logic CS8416_07 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
DS578F3
13
CS8416
RXN
5
Negative AES3/SPDIF Input (Input) - Single-ended or differential receiver input carrying AES3 or
S/PDIF encoded digital data. Used along with RXP[7:0] to form an AES3 differential input. In single-
ended operation this should be AC coupled to ground through a capacitor. See “External
AES3/SPDIF/IEC60958 Receiver Components” on page 49 for recommended input circuits.
OMCK
25
System Clock (Input) - When the OMCK System Clock Mode is enabled using the SWCLK bit in the
Control 1 register, the clock signal input on this pin is automatically output through RMCK on PLL unlock.
OMCK serves as the reference signal for OMCK/RMCK ratio expressed in register 18h. “OMCK System
Clock Mode” section on page 28
RMCK
24
Input Section Recovered Master Clock (Output) - Input section recovered master clock output from
the PLL. Frequency defaults to 256x the sample rate (Fs) and may be set to 128x through the RMCKF bit
in the Control 1 register (01h). RMCK may also be set to high impedance by the RXD bit in the Control 4
register (04h).
OSCLK
27
Serial Audio Output Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT pin
OLRCK
28
Serial Audio Output Left/Right Clock (Input/Output) - Word rate clock for the audio data on the
SDOUT pin. Frequency will be the output sample rate (Fs)
SDOUT
26
Serial Audio Output Data (Output) - Audio data serial output pin. This pin must be pulled high to VL
through a 47 k
Ω resistor to place the part in Software Mode.
SDA /
CDOUT
17
Serial Control Data I/O (I²C) / Data Out (SPI) (Input/Output) - In I²C Mode, SDA is the control I/O data
line. SDA is open drain and requires an external pull-up resistor to VL. In SPI Mode, CDOUT is the out-
put data from the control port interface on the CS8416. See the “Control Port Description” section on
page 33.
SCL /
CCLK
16
Control Port Clock (Input) - Serial control interface clock and is used to clock control data bits into and
out of the CS8416. CCLK is an open drain output and requires an external pull-up resistor to VL. See the
“Control Port Description” section on page 33.
AD0 / CS
14
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - A falling edge on this pin puts the CS8416
into SPI Control Port Mode. With no falling edge, the CS8416 defaults to I²C Mode. In I²C Mode, AD0 is
a chip address pin. In SPI Mode, CS is used to enable the control port interface on the CS8416. See the
“Control Port Description” section on page 33.
AD1 /
CDIN
15
Address Bit 1 (I²C) / Serial Control Data in (SPI) (Input) - In I²C Mode, AD1 is a chip address pin. In
SPI Mode, CDIN is the input data line for the control port interface. See the “Control Port Description”
section on page 33.
AD2 /
GPO2
18
General Purpose Output 2 (Output) - If using the I²C control port, this pin must be pulled high or low
through a 47 k
Ω resistor. See the “Control Port Description” section on page 33 and “General Purpose
Outputs” on page 29 for GPO functions.
GPO1
19
General Purpose Output 1 (Output) - See “General Purpose Outputs” on page 29 for GPO functions.
GPO0
20
General Purpose Output 0 (Output) - See “General Purpose Outputs” on page 29 for GPO functions.
Pin
Name
Pin #
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com