Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFT Datasheet(PDF) 27 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 27 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 23Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 24Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 25Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 26Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 27Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 28Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 29Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 30Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 31Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
Chapter 6 Functional Blocks
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
27
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6. To indicate that the auto-negotiation process is complete, the ICS1893CF sets bits 1.5 and 17.4 high to
logic one. After successful completion of the auto-negotiation process, the ICS1893CF
Auto-Negotiation sublayer performs the following steps:
a. It sets to logic one the Status Register’s Auto-Negotiation Complete bit (bit 1.5, which is also
available in the QuickPoll register as bit 17.4).
b. It enables the negotiated link technology (such as the 100Base Transmit modules and 100Base
Receive modules).
c. It disables the unused technologies to reduce the overall power consumption.
6.2.2 Auto-Negotiation: Parallel Detection
The ICS1893CF supports parallel detection. It is therefore compatible with networks that do not support the
auto-negotiation process. When enabled, the Auto-Negotiation sublayer can detect legacy 10Base-T link
partners as well as 100Base-TX link partners that do not have an auto-negotiation capability.
The Auto-Negotiation sublayer performs this parallel detection function when it does not get a response to
its FLP bursts. In these situations, the Auto-Negotiation sublayer performs the following steps:
1. It sets the LP_AutoNeg_Able bit (bit 6.0) to logic zero, thereby identifying the remote link partner as not
being capable of executing the auto-negotiation process.
2. It sets the bit in the Auto-Negotiation Link Partner Abilities Register that corresponds to the 'parallel
detected' technology [for example, half-duplex, 10Base-T (bit 5.5) or half-duplex, 100Base-TX (bit
5.7)].
3. It sets the Status Register’s Auto-Negotiation Complete bit (bit 1.5) to logic one, indicating completion
of the auto-negotiation process.
4. It enables the detected link technology and disables the unused technologies.
A remote link partner that does not support the auto-negotiation process does not respond to the
transmitted FLP bursts. The ICS1893CF detects this situation and responds according to the data it
receives. The ICS1893CF can receive one of five potential responses to the FLP bursts it is transmitting:
FLP bursts, 10Base-T link pulses (that is, Normal Link Pulses), scrambled 100Base IDLEs, nothing, or a
combination of signal types.
A 10Base-T link partner transmits only Normal Link Pulses when idle. When the ICS1893CF receives
Normal Link Pulses, it concludes that the remote link partner is a device that can use only 10Base-T
technology. A 100Base-TX node without an Auto-Negotiation sublayer transmits 100M scrambled IDLE
symbols in response to the FLP bursts. Upon receipt of the scrambled IDLEs, the ICS1893CF concludes
that its remote link partner is a 100Base-TX node that does not support the auto-negotiation process. For
both 10Base-T and 100Base-TX nodes without an Auto-Negotiation sublayer, the ICS1893CF clears bit 6.0
to logic zero, indicating that the link partner cannot perform the auto-negotiation process.
If the remote link partner responds to the FLP bursts with FLP bursts, then the link partner is a 100Base-TX
node that can support the auto-negotiation process. In this case, the ICS1893CF sets to logic one the
Auto-Negotiation Expansion Register’s Link Partner Auto-Negotiation Ability bit (bit 6.0).
If the Auto-Negotiation sublayer does not receive any signal when monitoring the receive channel, then the
QuickPoll Detailed Status Register’s Signal Detect bit (bit 17.3) is set to logic one, indicating that no signal
is present.
Another possibility is that the ICS1893CF senses that it is receiving multiple technology indications. In this
situation, the ICS1893CF cannot determine which technology to enable. It informs the STA of this problem
by setting to logic one the Auto-Negotiation Expansion Register’s Parallel Detection Fault bit (bit 6.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com