Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFT Datasheet(PDF) 85 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 85 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 81Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 82Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 83Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 84Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 85Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 86Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 87Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 88Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 89Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
85
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
8.2.1 Transformer Interface Pins
Transformer connections on the ICS1893CF signals TP_AP, TP_AN, TP_BP and TP_BN are shown in
Table 8.4. The previous TP_CT pin on the ICS1893AF is not used with the ICS1893CF. The typical Twisted
Pair Transformers connections are shown in Chapter 5. The transformer must be 1:1 ratio and symetrical
for 10/100 MDI/MDIX applications since the transmit twisted pair and receive twisted pair are
interchangeable. ICS1893 PHYs do not have power connections to the transformer. All transformer power
is supplied by the ICS1893. Note the twisted pair are polarity sensitive and must connect to the RJ45 with
the same polarity as shown in the figure.
Table 8-4 lists the pins for the transformer interface group of pins.
8.2.2 Multi-Function (Multiplexed) Pins: PHY Address and LED Pins
Table 8-5 lists the pins for the multi-function group of pins (that is, the multiplexed PHY Address / LED pins).
Note:
1. During either a power-on reset or a hardware reset, each multi-function configuration pin is an input
that is sampled when the ICS1893CF exits the reset state. After sampling is complete, these pins are
output pins that can drive status LEDs.
2. A software reset does not affect the state of a multi-function configuration pin. During a software reset,
all multi-function configuration pins are outputs.
3. Each multi-function configuration pin must be pulled either up or down with a resistor to establish the
address of the ICS1893CF. LEDs placed in series with these resistors provide a designated status
indicator.
Caution:
All pins listed in Table 8-5 must not float.
4. As outputs, the asserted state of a multi-function configuration pin is the inverse of the sense sampled
during reset. This inversion provides a signal that can illuminate an LED during an asserted state. For
example, if a multi-function configuration pin is pulled down to ground through an LED and a
current-limiting resistor, then the sampled sense of the input is low. To illuminate an LED for the
asserted state requires the output to be high.
REF_IN
47
Frequency Reference Input: 25 MHz Input Clock or Crystal
REF_OUT
46
Frequency Reference Output for Crystal
RESETn
23
System Reset (active low)
Table 8-4. ICS1893CF Transformer Interface Pins
Signal Name
Pin No.
Signal Description
TP_AP
12
Twisted Pair A Positive
TP_AN
13
Twisted Pair A Negative
TP_BP
16
Twisted Pair B Positive
TP_BN
15
Twisted Pair B Negative
Table 8-3. ICS1893CF Configuration Pins
Signal Name
Pin No.
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com