Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFT Datasheet(PDF) 82 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 82 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 78Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 79Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 80Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 81Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 82Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 83Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 84Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 85Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 86Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
82
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Definitions:
straight transmit = TP_AP & TP_AN
receive = TP_BP & TP_BN
cross
transmit = TP_BP & TP_BN
receive = TP_AP & TP_AN
AMDIX_EN (Pin 10)AMDIX enable pin with 50 kOhm pull-up resistor
AMDIX_EN [19:9] MDIO register 13h bit 9
MDI_MODE [19:8] MDIO register 13h bit 8
7.14.6 Twisted Pair Tri-State Enable, TPTRI (bit 19.7)
The ICS1893CF provides a Twisted Pair Tri-State Enable bit. This bit forces the TP_TXP and TP_TXN
signals to a high-impedance state. When this bit is set to logic:
• Zero, the Twisted Pair Interface is operational.
• One, the Twisted Pair Interface is tri-stated.
7.14.7 ICS Reserved (bits 19.6:1)
See Section 7.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
7.14.8 Automatic 100Base-TX Power-Down (bit 19.0)
The Automatic 100Base-TX Power Down bit provides an STA with the means of enabling the ICS1893CF
to automatically shut down 100Base-TX support functions when 10Base-T operations are being used.
When this bit is set to logic:
• Zero, the 100Base-TX Transceiver does not power down automatically in 100Base-TX mode.
• One, and the ICS1893CF is operating in 10Base-T mode, the 100Base-TX Transceiver automatically
turns off to reduce the overall power consumption of the ICS1893CF.
Note: There are other means of powering down the 100Base-TX Transceiver (for example, when the
entire device is isolated using bit 0:10).
1
1
x
straight / cross (auto
selected)
Default Values:
1
1
0
straight / cross (auto
selected)
Table 7-22. AMDIX_EN (Pin 10) and Control Bits 19. 9:8
AMDIX_EN
(Pin 10)
AMDIX_EN
[Reg 19:9]
MDI_MODE
[Reg 19:8]
Tx/Rx MDI
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com