Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1893CFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1893CFT Datasheet HTML 3Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 4Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 5Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 6Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 7Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 9Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 10Page - Integrated Circuit Systems ICS1893CFT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 126 page
background image
Chapter 3 Overview of the ICS1893CF
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
7
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Chapter 3 Overview of the ICS1893CF
The ICS1893CF is a stream processor. During data transmission, it accepts sequential nibbles from its
MAC (Media Access Control) converts them into a serial bit stream, encodes them, and transmits them
over the medium through an external isolation transformer. When receiving data, the ICS1893CF converts
and decodes a serial bit stream (acquired from an isolation transformer that interfaces with the medium)
into sequential nibbles. It subsequently presents these nibbles to its MAC Interface.
The ICS1893CF implements the OSI model’s physical layer, consisting of the following, as defined by the
ISO/IEC 8802-3 standard:
• Physical Coding sublayer (PCS)
• Physical Medium Attachment sublayer (PMA)
• Physical Medium Dependent sublayer (PMD)
• Auto-Negotiation sublayer
The ICS1893CF is transparent to the next layer of the OSI model, the link layer. The link layer has two
sublayers: the Logical Link Control sublayer and the MAC sublayer. The ICS1893CF can interface directly
to the MAC.
The ICS1893CF transmits framed packets acquired from its MAC Interface and receives encapsulated
packets from another PHY, which it translates and presents to its MAC Interface.
Note: As per the ISO/IEC standard, the ICS1893CF does not affect, nor is it affected by, the underlying
structure of the MAC frame it is conveying.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com