Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ-R Datasheet(PDF) 29 Page - Texas Instruments

Part # TNETE2101PZ-R
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ-R Datasheet(HTML) 29 Page - Texas Instruments

Back Button TNETE2101PZ-R Datasheet HTML 25Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 26Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 27Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 28Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 29Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 30Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 31Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 32Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PHY status register – TXPHY_sts at 0x12
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BIT
0
MINT
PHOK
PLOK
TPENERGY
SYNCLOSS
FEFI
Reserved
Figure 18. PHY Status Register
Table 16. PHY Status-Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
MINT†
15
MII Interrupt. MINT indicates an MII-interrupt condition. The MII-interrupt request is activated and latched until this
register is read. Writing to MINT has no effect. MINT is set to 1 when:
– JABBER (register 0x0, bit 1) is set to 1.
– LINK (register 0x0, bit 2) changes state or is different from either the last read value or the current state of the link.
– RFAULT (register 0x1, bit 4) is set to 1.
– AUTOCMPLT (register 0x1, bit 5) is set to 1.
– PAGERX (register 0x6, bit 1) is set to 1.
– FEFI (register 0x12, bit 10) is set to 1.
– SYNCLOSS (register 0x12, bit 11) is set to 1.
– PHOK (register 0x12, bit 14) is set to 1.
Additional interrupt sources are active only when the MANCONF bit (register 0x11, bit 13) is set to 1. MINT is set
to a 1 when:
– TPENERGY (register 0x12, bit 12) is set to 1.
– PLOK (register 0x12, bit 13) changes state.
PHOK
14
Power high OK. When PHOK is set to 1, it indicates that the oscillator circuit connected to XTAL1 has begun to
oscillate (and perform around 75 cycles). PHY-sourced clocks (MRCLK and MTCLK) are not valid until PHOK is
asserted. The clocks can take up to 50 ms to become stable and the PHY requires the RESET bit to be set to make
certain it is in a valid state. When PHOK is 0, the PHY is not in a fully operational state.
PLOK
13
Polarity OK. PLOK set to a 1 (default) signifies that the 10BASE-T PHY is receiving valid (noninverted) link pulses.
PLOK always is set to a 1 when MANCONF is set to a 0, since the PHY automatically corrects polarity. If MANCONF
is set to a 1 for manual polarity configuration, PLOK is cleared to a 0 if a sequence of seven consecutive inverted
link pulses is detected. PLOK can be set to a 1 again only if the SWAPOL bit is toggled and then 1 noninverted link
pulse is received.
If MANCONF is a 1 and then cleared to a 0 when PLOK is still a 0, PLOK is not set to a 1 until SWAPOL is toggled.
This reenables the autopolarity detection and PLOK remains a 1.
10BASE-T polarity is determined strictly from link pulses and not from received data or TP idles.
TPENERGY
12
Twisted-pair energy detect. When TPENERGY is set to 1, it indicates that the PHY is receiving impulses on
ARCVP/ARCVN.
SYNCLOSS
11
100BASE-TX receive descrambler synchronization loss. The 100BASE-TX descrambler expects to receive at least
12 consecutive IDLE symbols every 722
µs. If these are not seen, then SYNCLOSS is set to 1, and the descrambler
attempts to resynchronize itself to the incoming scrambled data stream. The value of SYNCLOSS is latched high
until this register is read.
FEFI
10
Far-end fault indication. When enabled via the FEFEN bit in TXPHY_ctl, this bit is set to 1 if the FEFI signaling
sequence is being transmitted by the link partner. The value of FEFI is latched (held) high until this register is read.
Reserved
9–0
Reserved. Read and write as 0.
† Useful for switching applications (TI patented)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com