Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ-R Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETE2101PZ-R
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ-R Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETE2101PZ-R Datasheet HTML 8Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 9Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 10Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 11Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 12Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 13Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 14Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 15Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
100BASE-FX differential PECL interface
The PHY provides three pairs of differential PECL terminals for connection to external fiber-optic transceivers.
The data streams are 125-Mbit/s NRZI encoded, with the receive data stream routed to the digital PLL for data
recovery. To maintain a reliable lock on the digital PLL, the receive data stream must be jitter free.
The FSDP/FSDN serial data-detect pair must be differentially positive to enable data recovery. While this pair
is differentially negative, MRCLK is inactive, and no attempt is made to process any receive data appearing on
FRCVP/FRCVN.
Differential PECL signals should be terminated with a standard emitter-coupled logic (ECL) load of 50
Ω to a
voltage source of VDD – 2 V (that is, 1.3 V) or to an equivalent circuit.
reset and power up timing
At initial power up, the PHY performs an internal reset. No external reset circuitry is required; however, operation
of the TNETE2101 is not specified for 50 ms after power up (VDD stable).
During operation, a full reset of the device can be performed by taking MRST low for not less than 50
ms. Correct
operation of the device is not certain until 50 ms after MRST is deasserted high.
10BASE-T/100BASE-TX PHY operation
PHY link establishment
The PHY implements the full autonegotiation standard, including next-page capability. CAUTONEG, CSPEED,
and CDUPLEX are used to directly configure the link speed or to set and report autonegotiated speeds.
When CAUTONEG is deasserted low, CSPEED and CDUPLEX determine the link configuration. CSPEED and
CDUPLEX have weak pullups, giving a default configuration of full-duplex 100BASE-TX when not connected.
The rising edge of CAUTONEG latches the values of CSPEED and CDUPLEX into the autonegotiation
advertisement (AN_adv) register as shown in Table 1. This advertises to the link partner during negotiation of
the capabilities of PHY and the highest common link is determined. CSPEED and CDUPLEX then are driven
with the negotiated speed and duplex.
Table 1. External-Link Configuration Speeds
CSPEED
CDUPLEX
AN_adv
ADVERTISED TECHNOLOGIES
0
0
0x0021
Half-duplex 10BASE-T
0
1
0x0061
Half-/full-duplex 10BASE-T
1
0
0x00A1
Half-duplex 10BASE-T
Half-duplex 100BASE-TX
1
1
0x00E1
Half-/full-duplex 10BASE-T
Half-/full-duplex 100BASE-TX
For external controlling and reading of CAUTONEG, CSPEED, and CDUPLEX, timing to be considered is
shown in Figure 3. CSPEED and CDUPLEX must not be driven externally for 1200 ms (maximum) after
CAUTONEG is asserted high. The PHY begins negotiation when CAUTONEG is asserted. In the final 750 ms
(minimum) of autonegotiation, the PHY drives CSPEED and CDUPLEX to indicate the link configuration. The
values of these two terminals can be latched on the rising edge of SLINK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com