Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ-R Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETE2101PZ-R
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ-R Datasheet(HTML) 4 Page - Texas Instruments

  TNETE2101PZ-R Datasheet HTML 1Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 2Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 3Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 4Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 5Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 6Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 7Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 8Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
configuration (continued)
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
CPWRDOWN
32
TTL
I
Power-down enable. When CPWRDOWN is low, the PHY is placed in a low power-consumption
state. This function can be controlled by PHY register 0, bit 11, PDOWN, if CPWRDOWN is high.
CREPEATER
21
TTL
I
Repeater-mode enable. When CREPEATER is low, the repeater mode is enabled and the PHY
does not assert MCRS in response to transmit activity. This function can be controlled by PHY
register 0x11, bit 5, REPEATER, if CREPEATER is high.
CSPEED
34
TTL
I/O
Speed configuration. When CAUTONEG is low, CSPEED sets the PHY speed to either
10BASE-T (low) or 100BASE-TX (high). When CAUTONEG is high and autonegotiation is
complete, CSPEED is driven low if 10BASE-T mode was selected, or set at high-impedance state
if 100BASE-TX mode was selected. The PHY speed also can be controlled and read at PHY
register 0, bit 13, SPEED.
fiber interface
TERMINAL
TYPE†
I/O
DESCRIPTION
NAME
NO.
TYPE†
I/O
DESCRIPTION
FRCVN
FRCVP
79
80
PECL
I
100BASE-FX serial data input pair. Differential 3.3-V pseudo-emitter-coupled logic (PECL) 125-Mbit/s
receive-data input for fiber mode.
FSDN
FSDP
82
83
PECL
I
100BASE-FX serial data detect pair. Differential 3.3-V PECL 125-Mbit/s signal-detect input.
FXMTN
FXMTP
76
77
PECL
O
100BASE-FX serial data output pair. Differential 3.3-V PECL 125-Mbit/s serialized transmit-data
output for fiber mode.
† PECL = pseudo-emitter-coupled-logic
IEEE Std 1149.1 JTAG interface
TERMINAL
TYPE‡
I/O
DESCRIPTION
NAME
NO.
TYPE‡
I/O
DESCRIPTION
JTCLK
69
5-V TTL
I
Test clock. JTCLK is used to clock state information and test data into and out of the device during
operation of the test port.
JTDI
73
5-V TTL
I
Test data input. JTDI is used to serially shift test data and test instructions into the device during
operation of the test port.
JTDO
71
5-V TTL
O
Test data output. JTDO is used to serially shift test data and test instructions out of the device during
operation of the test port.
JTMS
68
5-V TTL
I
Test-mode select. JTMS is used to control the state of the test-port controller within the PHY.
JTRST
67
5-V TTL
I
TAP reset. JTRST is used to reset the TAP controller (optional).
‡ 5-V TTL terminals are 5-V tolerant if VDD5 is connected to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com