Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101PZ-R Datasheet(PDF) 36 Page - Texas Instruments

Part # TNETE2101PZ-R
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101PZ-R Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETE2101PZ-R Datasheet HTML 31Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 32Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 33Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 34Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 35Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 36Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 37Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 38Page - Texas Instruments TNETE2101PZ-R Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receiver squelch parameters
10BASE-T
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Vthp
Positive-squelch receiver threshold voltage
250
mV
Vthn
Negative-squelch receiver threshold voltage
–250
mV
Vthd
Data receiver threshold voltage
75
mV
100BASE-TX
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Vth
Receiver differential voltage to maintain link
200
mV
PARAMETER MEASUREMENT INFORMATION
Outputs are driven to a minimum high-logic level of 2.4 V and to a maximum low-logic level of 0.6 V.
Output transition times are specified as follows: For a high-to-low transition on either an input or output signal, the
level at which the signal is said to be no longer high is 2 V and the level at which the signal is said to be low is 0.8 V.
For a low-to-high transition, the level at which the signal is no longer said to be low is 0.8 V and the level at which
the signal is said to be high is 2 V, as shown in the following diagram.
2 V (high)
0.8 V (low)
The rise and fall times are not specified, but are assumed to be those of standard TTL devices, which are typically
1.5 ns.
test measurement
The test and load circuit shown in Figure 27 represents the programmable load of the tester-terminal electronics
used to verify timing parameters of the TNETE2101 output signals.
TTL OUTPUT TEST LOAD
CL
IOH
VLOAD
IOL
Test
Point
TTL
Output
Under
Test
Where: IOL
= Refer to IOL in recommended operating conditions.
IOH
= Refer to IOH in recommended operating conditions.
VLOAD = 1.5 V, typical dc-level verification or
1.5 V, typical timing verification
CL
= 45 pF, typical load-circuit capacitance
Figure 27. Test and Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com