Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9767 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 17Page - Integrated Device Technology STAC9767 Datasheet HTML 18Page - Integrated Device Technology STAC9767 Datasheet HTML 19Page - Integrated Device Technology STAC9767 Datasheet HTML 20Page - Integrated Device Technology STAC9767 Datasheet HTML 21Page - Integrated Device Technology STAC9767 Datasheet HTML 22Page - Integrated Device Technology STAC9767 Datasheet HTML 23Page - Integrated Device Technology STAC9767 Datasheet HTML 24Page - Integrated Device Technology STAC9767 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
21
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
Figure 12. CODEC Clock Source Detection
The STAC9766/9767 uses the XTAL_OUT pin (pin 3) and the CID0 and CID1 pins (pins 45 & 46) to
determine its alternate clock frequencies. See section 2.2.4: page14 for additional information on
Crystal Elimination and for supported clock frequencies.
If, when the RESET# signal has been de-asserted, the CODEC has not detected a signal on
BIT_CLK, as defined in the previous paragraph, then the AC‘97 CODEC derives its clock internally
from an externally attached 24.576 MHz crystal or oscillator (or optionally from an external
14.318 MHz oscillator), and drives a buffered 12.288 MHz clock to its digital companion Controller
over AC-link under the signal name “BIT_CLK”. Clock jitter at the DACs and ADCs is a fundamental
impediment to high quality output, and the internally generated clock will provide AC‘97 with a clean
clock that is independent of the physical proximity of AC‘97’s companion Digital Controller (hence-
forth referred to as “the Controller”).
If BIT_CLK begins toggling while the RESET# signal is still asserted, the clock is being provided by
other than the primary CODEC, for instance by the controller or by a discrete clock source. In this
case, the primary CODEC must act as a consumer of the BIT_CLK signal as if it were a secondary
CODEC.
AC'97 Clock Source
Detection
RESET# Signal Asserted
BIT_CLK Toggling?
12.288MHz signal on BIT_CLK is
being generated externally; codec
uses this signal as the clock.
Yes
No
After RESET# Signal
Deasserted
24.576MHz
crystal present?
24.576MHz Crystal on XTL_IN
and XTL_OUT used by codec to
generate clock on BIT_CLK
Yes
24.576MHz
oscillator present?
No
24.576 MHz signal on XTL_IN
used by codec to generate
12.288MHz clock on BIT_CLK
Yes
14.318MHz
oscillator presnent?
No
14.318 MHz signal on XTL_IN
used by codec to generate
12.288MHz clock on BIT_CLK
Yes
Error condition - no clock
source present
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com