Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9767 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 35Page - Integrated Device Technology STAC9767 Datasheet HTML 36Page - Integrated Device Technology STAC9767 Datasheet HTML 37Page - Integrated Device Technology STAC9767 Datasheet HTML 38Page - Integrated Device Technology STAC9767 Datasheet HTML 39Page - Integrated Device Technology STAC9767 Datasheet HTML 40Page - Integrated Device Technology STAC9767 Datasheet HTML 41Page - Integrated Device Technology STAC9767 Datasheet HTML 42Page - Integrated Device Technology STAC9767 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
39
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
5.6.
Slot Assignments for Audio
Figure 19. Bi-directional AC-link Frame with Slot assignments
Note: The DAC & ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
The AC-link input slots (transmitted to the Codec) are defined as follows:
The AC-link input slots (transmitted from the Codec) are defined as follows:
Table 13. AC-link Input Slots To CODEC
Slot
Name
Description
0
SDATA_OUT TAG
MSBs indicate which slots contain valid data; LSBs convey Codec ID
1
Control CMD ADDR write port Read/write command bit plus 7-bit Codec register address
2
Control DATA write port
16-bit command register write data
3,4
PCM L & R DAC playback
16, 18, or 20-bit PCM data for left and right channels
5
Modem Line 1 DAC
16-bit modem data for modem line 1 output
6, 7,
8, 9
PCM Center, Rear, LFE
16, 18, or 20-bit PCM data for Center, L & R Rear, LFE channels
10
Modem Line 2 DAC
16-bit modem data for modem line 2 output
11
Modem handset DAC
16-bit modem data for modem handset output
12
Modem IO control
GPIO write port for modem control
10-12 Double rate audio
Optional AC-link bandwidth for 88.2 or 96 kHz on L, C, R channels
Table 14. AC-link Input Slots From CODEC
Slot
Name
Description
0
SDATA_IN TAG
MSBs indicate which slots contain valid data
1
STATUS ADDR read port
MSBs echo register address; LSBs indicate which slots request data
2
STATUS DATA read port
16-bit command register read data
3,4
PCM L & R ADC record
16-bit PCM data from left and right inputs
5
Modem Line 1 ADC
16-bit modem data from modem line 1 input
6
Dedicated Microphone ADC
16-bit PCM data from optional 3rd ADC input
PCM
MIC
Vendor
RSVD
Vendor
RSVD
LINE2
ADC
HSET
ADC
Vendor
RSVD
STATUS
ADDR
OUTGOING STREAMS
(Controller output - SDATA_OUT)
INCOMING STREAMS
(codec output - SDATA_IN)
SYNC
TAG PHASE
DATA PHASE
PCM
LEFT
CMD
ADDR
NA
PCM
LSURR
PCM
LFE
SPDIF
TAG
CMD
DATA
PCM
RT
PCM
CTR
PCM
RSURR
SPDIF
IO
CTRL
PCM
LEFT
LINE1
ADC
TAG
STATUS
DATA
PCM
RT
IO
STATUS
SLOTS
0
1
2
3
4
5
6
7
8
9
10
11
12
Slot 12 can be used by the
AC'97 Codec if a Modem
Codec is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com