Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9767 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 12Page - Integrated Device Technology STAC9767 Datasheet HTML 13Page - Integrated Device Technology STAC9767 Datasheet HTML 14Page - Integrated Device Technology STAC9767 Datasheet HTML 15Page - Integrated Device Technology STAC9767 Datasheet HTML 16Page - Integrated Device Technology STAC9767 Datasheet HTML 17Page - Integrated Device Technology STAC9767 Datasheet HTML 18Page - Integrated Device Technology STAC9767 Datasheet HTML 19Page - Integrated Device Technology STAC9767 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
16
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
2.2.7.
AC-Link Low Power Mode Timing
Figure 7. AC-Link Low Power Mode Timing
2.2.8.
ATE Test Mode
Figure 8. ATE Test Mode Timing
Note: 1) All AC-Link signals are normally low through the trailing edge of RESET#. Bringing
SDATA_OUT high for the trailing edge of RESET# causes the STAC9766/9767 AC-Link outputs to
go high-impedance, which is suitable for ATE in-circuit testing.
Note: 2) Once the test mode has been entered, the STAC9766/9767 must be issued another
RESET# with all AC-Link signals low to return to the normal operating mode.
Note: 3) # denotes active low.
Parameter
Symbol
Min
Typ
Max
Units
BIT_CLK rise time
Triseclk
-
-
6
ns
BIT_CLK fall time
Tfallclk
-
-
6
ns
SDATA_IN rise time
Trisedin
-
-
6
ns
SDATA_IN fall time
Tfalldin
-
-
6
ns
Parameter
Symbol
Min
Typ
Max
Units
End of Slot 2 to BIT_CLK, SDATA_IN low
Ts2_pdown
-
-
1.0
µs
Parameter
Symbol
Min
Typ
Max
Units
Setup to trailing edge of RESET# (also applies to SYNC)
Tsetup2rst
15.0
-
-
ns
Rising edge of RESET# to Hi-Z delay
Toff
-
-
25.0
ns
BIT_CLK
SDATA_IN
Note: BIT_CLK not to scale
Ts2_pdown
Don't care
Data PR4
Write to
0x20
Slot 2
Slot 1
SDATA_OUT
SYNC
Tsetup2rst
Hi-Z
Toff
RESET#
SDATA_OUT
SDATA_IN, BIT_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com