Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9767 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # STAC9767
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9767 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button STAC9767 Datasheet HTML 4Page - Integrated Device Technology STAC9767 Datasheet HTML 5Page - Integrated Device Technology STAC9767 Datasheet HTML 6Page - Integrated Device Technology STAC9767 Datasheet HTML 7Page - Integrated Device Technology STAC9767 Datasheet HTML 8Page - Integrated Device Technology STAC9767 Datasheet HTML 9Page - Integrated Device Technology STAC9767 Datasheet HTML 10Page - Integrated Device Technology STAC9767 Datasheet HTML 11Page - Integrated Device Technology STAC9767 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
8
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9766/9767 provides for a stereo enhancement feature, IDT Surround 3D (SS3D). SS3D pro-
vides the listener with several options for improved speaker separation beyond the normal 2- or
4-speaker arrangements.
The STAC9766/9767 can be SoundBlaster® and Windows Sound System® compatible when used
with IDT’s WDM driver for Windows 98/2K/ME/XP or with Intel/Microsoft driver included with Win-
dows 2K/ME/XP.
SoundBlaster is a registered trademark of Creative Labs.
Windows is a registered trademark of Microsoft Corporation.
1.3.
STAC9766/9767 Block Diagram
Figure 1. Block Diagram
1.4.
Key Specifications
•
Analog LINE_OUT SNR: 103 dB
•
Digital DAC SNR: 95 dB
•
Digital ADC SNR: 85 dB
•
Full-scale Total Harmonic Distortion: 0.002%
•
Crosstalk between Input Channels: -70 dB
•
Spurious Tone Rejection: 100 dB
1.5.
Related Materials
•
Product Brief
•
Reference Designs for MB, AMR, CNR, and ACR applications
•
Audio Precision Performance Plots
1.6.
Additional Support
Additional product and company information can be obtained by going to the
IDT web site at: www.IDT.com
HP_OUT
AC-link
Digital
Interface
Registers
64x16 bits
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
Power
Management
DAC
DAC
ADC
ADC
PCM out DACs
PCM in ADCs
4 stereo
sources
2 mono
sources
MONO_OUT
Stereo or
Mono
Mic Boost
0,10,20
or 30 dB
MIC1 (L)
Stereo
Mono
MIXER
Analog mixing
and Gain Control
M
U
X
MIC2 (R)
LINE_OUT
Multi-Codec
CID0
CID1
SPDIF
Variable Sample Rate
20-Bit DACs and
20-Bit ADCs
EAPD
GPIO0
GPIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com