Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5347 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS(155.52 MBIT/S & 51.84 MBIT/S,
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5347 Datasheet HTML 1Page - PMC-Sierra, Inc PM5347 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-930909 (R7)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 1998 PMC-Sierra, Inc. October,
PM5347
PMC-Sierra,Inc.
155 Mb/s SATURN User Network Interface for WANs
S/UNI-155-PLUS
FEATURES
• Monolithic SATURN™-compatible
Asynchronous Transfer Mode (ATM)
network interface.
• Implements the ATM transmission
convergence (TC) sublayer for ATM
according to ATM Forum specifications
and ITU-T recommendations using the
SONET/SDH 155.52 Mb/s format. Also
implements ATM Forum specified
“Mid-range PHY” rates of 51.52, 25.92
and 12.96 Mb/s.
• Includes on-chip clock recovery and
clock synthesis at all rates. Clocking
can be bypassed for use with external
clock sources. Operates in master or
slave (loop timed) timing modes.
• Provides TTL-compatible inputs and
outputs. Provides differential pseudo-
ECL-compatible serial line side inputs.
• Supports Fiber Optic, Unshielded
Twisted Pair and Shielded interfaces.
• Processes all SONET/SDH UNI
overhead.
• Provides access to section and line
datalinks and all additional transport
and path overhead to allow additional
external processing for full SONET/
SDH Network-Node Interface (NNI)
compliance.
• Provides synchronous 8-bit or 16-bit
SCI-PHY™ system side interface with
4-cell deep FIFO buffers in transmit
and receive paths with parity support.
• Inserts and extracts ATM payloads
using cell delineation.
• Provides a generic 8-bit
microprocessor bus interface for
configuration, control, and status
monitoring.
• Software-compatible with the PM5345
S/UNI-155™, PM5346 S/UNI-155-
LITE™ and the PM5355 S/UNI-622™.
• Provides a standard 5-signal P1149.1
JTAG test port for boundary scan
board test purposes.
• Low power, +5 V CMOS technology.
• Packaged in a 208 pin (28mm x
28mm) PQFP with 0.5mm pin pitch.
• Industrial temperature range operation
(-40
°C to +85°C).
• Counts received cells written into the
receive FIFO, received HCS errored
cells that are discarded, and received
HCS errored cells that are corrected
and passed through the receive FIFO.
TRANSMIT SECTION
• Counts transmit cells read from the
transmit FIFO.
• Inserts a register programmable path
signal label (C2).
• Inserts path B3, path FEBE
indications, line B2, line FEBE
indications, and section B1 to allow
performance monitoring at the far end.
• Optionally inserts the 16- or 64-byte
section trace (J0) sequence and the 16
or 64 byte path trace (J1) sequence
from internal register banks.
• Optionally inserts an externally
generated section user channel (F1),
order wire channels (E1, E2) and the
DCC channels (D1-D3 and D4-D12)
via serial interfaces.
• Optionally inserts path AIS, path RDI,
line AIS, and line RDI.
• Optionally inserts register
programmable APS (K1, K2) and
synchronization status (Z1) bytes.
RECEIVE SECTION
• Filters and captures the automatic
protection switch channel (K1, K2)
bytes in readable registers and detects
APS byte failure.
• Extracts the 16- or 64-byte section
trace (J0) sequence and the 16- or 64-
byte path trace (J1) sequence into
internal register banks.
• Extracts the DCC channels (D1-D3
and D4-D12) for optional external
processing.
• Detects Loss Of Signal (LOS), Out Of
Frame (OOF), Loss Of Frame (LOF),
line Alarm Indication Signal (AIS), line
Remote Defect Indication (RDI-L),
Loss Of Pointer (LOP), path AIS, path
RDI (RDI-P) and Loss Of Cell
Delineation (LCD).
• Counts received section B1 errors, line
B2 errors, line FEBEs, path B3 errors
and path FEBEs for performance
monitoring purposes.
APPLICATIONS
• ATM Switching Systems
• ATM Access Systems
• LAN Switches, Hubs and Routers
• ATM Test Equipment
• SONET or SDH ATM Interfaces
BLOCK DIAGRAM
Microprocessor
Interface
ALOS+/-
RRCLK+/-
Line Side
System Side
Path
O/H
Extract
Transport
O/H
Extract
TCA
TWRENB
TFCLK
TDAT[15:0]
TXPRTY[1:0]
TSOC
RCA
RRDENB
RFCLK
RDAT[15:0]
RSOC
Drop
Side
I/F
Receive
ATM 4-Cell
FIFO
Transmit
ATM 4-Cell
FIFO
Clock
Recovery
SIPO
Receive
Section O/H
Processor
Transmit
Section O/H
Processor
Path
O/H
Extract
Transport
O/H
Extract
JTAG Test
Access Port
Parallel
Input/Output Port
Clock
Recovery
SIPO
RXDO+/-
RXD+/-
TXC+/-
TRCLK+/-
TXD+/-
RXPRTY[1:0]
Receive
Path Overhead
Processor
Transmit
Path Overhead
Processor
Receive
ATM
Cell Processor
Transmit
ATM
Cell Processor
Receive
Line O/H
Processor
Transmit
Line O/H
Processor
Path
Trace
Buffer
Section
Trace
Buffer


Similar Part No. - PM5347

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5347 PMC-PM5347 Datasheet
81Kb / 2P
155 Mb/s SATURN User Network Interface for WANs
PM5347 PMC-PM5347 Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5347-RI PMC-PM5347-RI Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
More results

Similar Description - PM5347

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5348 PMC-PM5348 Datasheet
948Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
630Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
SATURN User Network Interface for 9.953 Gbit/s
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com