Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C189 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C189
Description  HIGH SPEED 16 x 4 STATIC CMOS RAM WITH INVERTING OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C189 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C189 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P4C189
Page 4 of 8
Document # SRAM100 Rev OR
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(9)
Sym.
t
WC
t
CW
t
AW
t
AS
t
WP
t
AH
t
DW
t
DH
t
WZ
t
OW
Parameter
Chip Enable Time to End of Write
Address Valid to End of Write
Address Set-up Time
Write Pulse Width
Address Hold Time from End of Write
Data Valid to End of Write
Data Hold Time
Write Enable to Output in High Z
Output Active from End of Write
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
-35
Min
35
15
15
0
15
2
15
2
0
Max
15
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write Cycle Time
TIMING WAVEFORM OF READ CYCLE NO. 2 (6)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com