Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C189 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C189
Description  HIGH SPEED 16 x 4 STATIC CMOS RAM WITH INVERTING OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C189 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C189 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P4C189
Page 3 of 8
Document # SRAM100 Rev OR
addressed word is read out on the inverting outputs (O
0
through O
3). The outputs of the memory go to an inactive
high impedance state whenever chip select (CS) is HIGH,
or during the write operation when write enable (WE) is
LOW.
An active LOW write enable (WE) controls the writing/
reading operation of the memory. When chip select (CS)
and write enable (WE) are LOW, the information on data
inputs (D
0 through D3) is written into the addressed memory
word. Reading is performed with chip select (CS) LOW and
write enable (WE) HIGH. The information stored in the
FUNCTIONALDESCRIPTION
Notes: H = HIGH
L = Low
X = Don't Care
HIGH Z = Implies outputs are disabled or off. This condition
is defined as high impedance state.
Mode
CS
CS
CS
CS
CS
WE
WE
WE
WE
WE
Output
Standby
H
X
High Z
Read
L
H
D
OUT
Write
L
L
High Z
TRUTH TABLE
TIMING WAVEFORM OF READ CYCLE NO. 1(5)
Sym.
t
RC
t
AA
t
AC
t
HZ
Read Cycle Time
Chip Enable Access Time
Output Hold from Address Change
Chip Enable to Output in Low Z
Chip Disable to Output in High Z
-35
Unit
ns
ns
ns
ns
ns
ns
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min
35
2
2
Max
35
15
10
Parameter
Address Access Time
t
OH
t
LZ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com