Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C189 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C189
Description  HIGH SPEED 16 x 4 STATIC CMOS RAM WITH INVERTING OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C189 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C189 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Document # SRAM100 Rev OR
Revised October 2005
FEATURES
16 x 4 Static RAM
Fast Access Time – 35 ns Commercial and
Industrial
Available in the following packages:
– 16-Pin PDIP
Inverted Outputs
DESCRIPTION
The P4C189 is a 64-bit high-speed Static RAM with a 16
x 4 organization. The memory requires no clocks or
refreshing and has equal access and cycle times. Inputs
and outputs are fully TTL compatible. Operation is from a
single 5 Volt supply. The output data is the complement
P4C189
HIGH SPEED 16 x 4
STATIC CMOS RAM WITH INVERTING OUTPUTS
FUNCTIONALBLOCKDIAGRAM
PIN CONFIGURATION
5V Power Supply ±10% for both commercial
and industrial temperature ranges.
Separate I/O
Fully static operation with equal access and
cycle times
3-STATE outputs for data bus applications
of the written data.
The P4C189 is offered in a 16-Pin DIP package. Devices
are offered in both commercial and industrial temperature
ranges.
DIP(P7)


Similar Part No. - P4C189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-10CC PYRAMID-P4C187-10CC Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-10CI PYRAMID-P4C187-10CI Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-10CM PYRAMID-P4C187-10CM Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results

Similar Description - P4C189

ManufacturerPart #DatasheetDescription
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
128K X 16 High Speed CMOS Static RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1041 PYRAMID-P3C1041 Datasheet
291Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Force Technologies Ltd
FTC41041 FORCE-FTC41041 Datasheet
1Mb / 11P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com