Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C189 Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C189
Description  HIGH SPEED 16 x 4 STATIC CMOS RAM WITH INVERTING OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C189 Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C189 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C189 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P4C189
Page 2 of 8
Document # SRAM100 Rev OR
Commercial
Symbol
V
OH
V
OL
V
IH
V
IL
I
IL
I
IH
I
SC
Parameter
Output High Voltage
Output Low Voltage
Input High Level
Input Low Level
Input Low Current
Input High Current
Output Short Circuit
Current
Test Conditions
V
CC = Min., VIN = VIH or VIL, IOH = –3.0 mA
V
CC = Min., VIN = VIH or VIL, IOL = 24 mA
V
IN = 0.5 V (except CS)
V
CC = Max, VIN = 2.7V
V
CC = Max., VOUT = 0.0V
I
L
Output Leakage Current
Industrial
P4C189
Min.
2.4
2.0
Max.
0.5
0.8
-0.6
5
-60
55
70
Unit
V
V
V
V
mA
µA
mA
mA
Power Supply Current
50
µA
V
CC = Max.
I
CC
V
OUT = VCC, VCC = Max.
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC + 0.5
V
(up to 7.0V)
T
A
Operating Temperature – 55 to +125
°C
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT = 0V
7
pF
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
RECOMMENDEDOPERATINGCONDITIONS
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
I
OUT
DC Output Current
20
mA
Grade(2)
Commercial
Industrial
Ambient Temp
0°C to 70°C
–40°C to 85°C
Gnd
0V
Vcc
5.0V ±10%
5.0V ±10%
0V
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
V
IN = 0.5 V (CS)
-1.2
-150
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.
5. CE is LOW and WE is HIGH for READ cycle.
6. WE is HIGH, and address must be valid prior to or coincident with CE
transition LOW.
7. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is sampled
and not 100% tested.
8. Read Cycle Time is measured from the last valid address to the first
transitioning address.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com